Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNBT8105 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DNBT8105
Description  1A NPN SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DNBT8105 Datasheet(HTML) 3 Page - Diodes Incorporated

  DNBT8105 Datasheet HTML 1Page - Diodes Incorporated DNBT8105 Datasheet HTML 2Page - Diodes Incorporated DNBT8105 Datasheet HTML 3Page - Diodes Incorporated DNBT8105 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30513 Rev. 7 - 2
3 of 4
DNBT8105
www.diodes.com
I , COLLECTOR CURRENT (mA)
C
Fig. 3, Base-Emitter Saturation Voltage
vs. Collector Current
T = 125ºC
A
T = 85ºC
A
T = 25ºC
A
T = -55ºC
A
1
10
100
1000
10,000
0
0.2
0.4
1.2
0.6
0.8
1
I /I = 10
C B
I , COLLECTOR CURRENT (mA)
C
Fig. 4, Collector-Emitter Saturation Voltage
vs. Collector Current
1
10
100
1000
0
100
50
150
200
250
300
I /I = 10
C B
T = -55ºC
A
T = 25ºC
A
T = 125ºC
A
T = 85ºC
A
0
50
100
350
400
300
150
200
250
I , COLLECTOR CURRENT (mA)
C
Fig. 5, Collector-Emitter Saturation Voltage
vs. Collector Current
1
10
100
1000
I /I = 10
C B
I /I = 50
C B
T = 25ºC
A
0
0.2
0.4
0.6
1.2
1
0.8
1
10
100
1000
10,000
I , COLLECTOR CURRENT (mA)
C
Fig. 6, Base-Emitter Voltage
vs. Collector Current
V
= 5V
CE
T = 125ºC
A
T = -55ºC
A
T = 85ºC
A
T = 25ºC
A
0
20
40
60
120
100
80
0
5
10
15
20
Cibo
Cobo
V , REVERSE VOLTAGE (V)
R
Fig. 7, Capacitance vs. Reverse Voltage


Similar Part No. - DNBT8105

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DNBT8105 DIODES-DNBT8105 Datasheet
92Kb / 4P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30513 Rev. 9 - 2
DNBT8105 DIODES-DNBT8105 Datasheet
90Kb / 5P
   1A NPN SURFACE MOUNT TRANSISTOR
DNBT8105-7 DIODES-DNBT8105-7 Datasheet
92Kb / 4P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30513 Rev. 9 - 2
DNBT8105-7 DIODES-DNBT8105-7 Datasheet
90Kb / 5P
   1A NPN SURFACE MOUNT TRANSISTOR
DNBT8105 DIODES-DNBT8105_09 Datasheet
92Kb / 4P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30513 Rev. 9 - 2
More results

Similar Description - DNBT8105

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT123S DIODES-MMBT123S Datasheet
55Kb / 3P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30292 Rev. 3 - 2
DNBT8105 DIODES-DNBT8105_09 Datasheet
92Kb / 4P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30513 Rev. 9 - 2
MMBT123S DIODES-MMBT123S_2 Datasheet
114Kb / 3P
   1A NPN SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
DNBT8105 DIODES-DNBT8105_11 Datasheet
90Kb / 5P
   1A NPN SURFACE MOUNT TRANSISTOR
DNBT8105 DIODES-DNBT8105_15 Datasheet
90Kb / 5P
   1A NPN SURFACE MOUNT TRANSISTOR
MMBT123S DIODES-MMBT123S_1 Datasheet
81Kb / 3P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30292 Rev. 6 - 2
DPBT8105 DIODES-DPBT8105 Datasheet
91Kb / 4P
   1A PNP SURFACE MOUNT TRANSISTOR
DS30514 Rev. 6 - 2
DPBT8105 DIODES-DPBT8105_15 Datasheet
104Kb / 5P
   1A PNP SURFACE MOUNT TRANSISTOR
DPBT8105 DIODES-DPBT8105_1 Datasheet
129Kb / 4P
   1A PNP SURFACE MOUNT TRANSISTOR
DS30514 Rev. 8 - 2
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com