Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA006-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SDA006-7
Description  DATA BUS TRANSIENT SUPPRESSOR/3-PHASE FULL WAVE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDA006-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  SDA006-7 Datasheet HTML 1Page - Diodes Incorporated SDA006-7 Datasheet HTML 2Page - Diodes Incorporated SDA006-7 Datasheet HTML 3Page - Diodes Incorporated SDA006-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30559 Rev. 3 - 2
2 of 4
SDA006
www.diodes.com
0.1
1
0.01
0.001
0
1.5
1.0
0.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Forward Characteristics
F
T = -40ºC
A
T = 150ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
Notes:
7. Short duration test pulse used to minimize self-heating effect.
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
75
¾¾
V
IR = 2.5
mA
Forward Voltage (Note 7)
VF
¾¾
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Reverse Current (Note 7)
IR
¾¾
2.5
50
30
25
mA
mA
mA
nA
VR = 75V
VR = 75V, Tj = 150
°C
VR = 25V, Tj = 150
°C
VR = 20V
Junction Capacitance (per element)
CJ
¾¾
2.0
pF
VR = 0V, f = 1.0MHz
Capacitance, Between I/O Lines (I/O1 & I/O2)
CLL
¾
35
¾
pF
VR = 0V, f = 1.0MHz
Capacitance, Between I/O Line and Ground
CLG
¾
11
¾
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
¾¾
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR,RL = 100
W
Electrical Characteristics @ TA = 25°C unless otherwise specified
0.1
1
10
100
1000
10000
0
20
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig.2 Typical Reverse Characteristics
R
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T = 150ºC
A
T= 0ºC
A
0
50
100
150
200
250
25
050
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
A
°
Fig. 4 Power Derating Curve
300
0.0
0.2
0.4
0.6
0.8
1.8
1.6
1.4
1.2
1.0
2.0
0
10
20
40
30
V , REVERSE VOLTAGE (V)
Fig. 3 Typical Junction Capacitance Per Element
vs. Reverse Voltage
R
f = 1.0MHz


Similar Part No. - SDA006-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDA006-7 DIODES-SDA006-7 Datasheet
156Kb / 4P
   DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
More results

Similar Description - SDA006-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLPA006 DIODES-DLPA006_08 Datasheet
143Kb / 4P
   DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
SDA006 DIODES-SDA006_15 Datasheet
156Kb / 4P
   DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
SDA006 DIODES-SDA006_08 Datasheet
156Kb / 4P
   DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
DLPA006 DIODES-DLPA006_15 Datasheet
143Kb / 4P
   DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
DLPA006 DIODES-DLPA006_1 Datasheet
494Kb / 4P
   DATA BUS TRANSIENT SUPPRESSOR/THREE PHASE FULL WAVE BRIDGE RECTIFIER
DS30665 Rev. 4 - 2
DLPA006 DIODES-DLPA006 Datasheet
86Kb / 3P
   DATA BUS TRANSIENT SUPPRESSOR/THREE PHASE FULL WAVE BRIDGE RECTIFIER
DS30665 Rev. 3 - 2
logo
Pan Jit International I...
PJ3L85 PANJIT-PJ3L85 Datasheet
130Kb / 3P
   DATA BUS TERMINATOR / 3-PHASE, FULL WAVE BRIDGE
PJ3L85 PANJIT-PJ3L85_08 Datasheet
150Kb / 3P
   DATA BUS TERMINATOR / 3-PHASE, FULL WAVE BRIDGE
logo
Microsemi Corporation
MTH200 MICROSEMI-MTH200 Datasheet
105Kb / 2P
   3 PHASE FULL WAVE BRIDGE RECTIFIER
logo
Sensitron
SCP-5911 SENSITRON-SCP-5911 Datasheet
101Kb / 3P
   3 Phase Full Wave Bridge Rectifier Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com