Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD2003-CF10A Datasheet(PDF) 4 Page - Rohm

Part # KD2003-CF10A
Description  Compact medium speed thick film thermal printhead (8dots / mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KD2003-CF10A Datasheet(HTML) 4 Page - Rohm

  KD2003-CF10A Datasheet HTML 1Page - Rohm KD2003-CF10A Datasheet HTML 2Page - Rohm KD2003-CF10A Datasheet HTML 3Page - Rohm KD2003-CF10A Datasheet HTML 4Page - Rohm KD2003-CF10A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KD2003-CF10A
Printheads
4/4
Electrical characteristic curves
Paper : KF50-HDA (OJI)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
012345
SCANNING LINE TIME (
ms/line)
Fig.3 Adaptive speed chart
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.00
0.05
0.10
0.15
0.20
0.25
0.30
ENERGY (
mJ/dot)
SLT : 1.25ms/line
Fig.4 Representative density curve
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
012345
SCANNING LINE TIME (
ms/line)
Fig.5 Maximum energy curve
0
20
40
60
80
100
120
140
160
180
−20 −10
10
30
50
70
020
40
60
TEMPERATURE : (
°C)
Fig.6 Thermistor curve


Similar Part No. - KD2003-CF10A

ManufacturerPart #DatasheetDescription
logo
Rohm
KD2003-CF10A ROHM-KD2003-CF10A Datasheet
137Kb / 5P
   For Gaming Equipment, ATMs : CF, CG series
KD2003-CF10A ROHM-KD2003-CF10A_07 Datasheet
137Kb / 5P
   For Gaming Equipment, ATMs : CF, CG series
More results

Similar Description - KD2003-CF10A

ManufacturerPart #DatasheetDescription
logo
Rohm
KF2002-GK42A ROHM-KF2002-GK42A Datasheet
89Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2008-CG50A ROHM-KD2008-CG50A Datasheet
202Kb / 5P
   Compact medium speed thick film thermal printhead(8dots / mm)
KD2004-CF20A ROHM-KD2004-CF20A Datasheet
92Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2004-CF10A ROHM-KD2004-CF10A Datasheet
61Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KF2004-GK42A ROHM-KF2004-GK42A Datasheet
78Kb / 4P
   Compact medium speed thick film thermal printhead (8dots / mm)
KF2002-GR40A ROHM-KF2002-GR40A Datasheet
85Kb / 4P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2002-CF10A ROHM-KD2002-CF10A Datasheet
60Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KF2003-GK42A ROHM-KF2003-GK42A Datasheet
80Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2004-CG10A ROHM-KD2004-CG10A Datasheet
64Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2003-CG10A ROHM-KD2003-CG10A Datasheet
63Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com