Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BL162CB-9DPH1 Datasheet(PDF) 11 Page - SPANSION

Part # AM29BL162CB-9DPH1
Description  16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only, Burst-Mode, Boot Sector Flash Memory-Die Revision 1
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BL162CB-9DPH1 Datasheet(HTML) 11 Page - SPANSION

Back Button AM29BL162CB-9DPH1 Datasheet HTML 7Page - SPANSION AM29BL162CB-9DPH1 Datasheet HTML 8Page - SPANSION AM29BL162CB-9DPH1 Datasheet HTML 9Page - SPANSION AM29BL162CB-9DPH1 Datasheet HTML 10Page - SPANSION AM29BL162CB-9DPH1 Datasheet HTML 11Page - SPANSION AM29BL162CB-9DPH1 Datasheet HTML 12Page - SPANSION AM29BL162CB-9DPH1 Datasheet HTML 13Page - SPANSION AM29BL162CB-9DPH1 Datasheet HTML 14Page - SPANSION AM29BL162CB-9DPH1 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
10
Am29BL162C Known Good Die
SU PPL EMEN T
PAD DESCRIPTIONS (RELATIVE TO DIE CENTER)
Pad
Signal
Pad Center (mils)
Pad Center (millimeters)
XYXY
1VCC
–42.04
139.03
–1.07
3.53
2VCC
–50.19
139.03
–1.27
3.53
3
DQ4
–57.06
139.03
–1.45
3.53
4
DQ12
–66.70
139.03
–1.69
3.53
5
DQ5
–75.27
139.03
–1.91
3.53
6
DQ13
–84.91
139.03
–2.16
3.53
7
DQ6
–93.47
139.03
–2.37
3.53
8
DQ14
–103.12
139.03
–2.62
3.53
9
DQ7
–111.68
139.03
–2.84
3.53
10
DQ15
–121.32
139.03
–3.08
3.53
11
VSS
–128.19
139.03
–3.26
3.53
12
NC
–128.19
–143.06
–3.26
–3.63
13
A16
–119.57
–143.06
–3.04
–3.63
14
A15
–110.94
–143.06
–2.82
–3.63
15
A14
–102.32
–143.06
–2.60
–3.63
16
A13
–93.69
–143.06
–2.38
–3.63
17
A12
–83.64
–143.06
–2.12
–3.63
18
A11
–73.59
–143.06
–1.87
–3.63
19
A10
–63.54
–143.06
–1.61
–3.63
20
A9
–53.49
–143.06
–1.36
–3.63
21
A8
–43.20
–143.06
–1.10
–3.63
22
A19
–33.15
–143.06
–0.84
–3.63
23
VCC
–23.10
–143.06
–0.59
–3.63
24
LBA
–14.94
–143.06
–0.38
–3.63
25
WE#
3.11
–143.06
0.08
–3.63
26
RESET#
13.41
–143.06
0.34
–3.63
27
RY/BY#
23.34
–143.06
0.59
–3.63
28
A18
33.39
–143.06
0.85
–3.63
29
A17
43.44
–143.06
1.10
–3.63
30
A7
53.49
–143.06
1.36
–3.63
31
A6
63.54
–143.06
1.61
–3.63
32
A5
73.59
–143.06
1.87
–3.63
33
A4
83.64
–143.06
2.12
–3.63
34
A3
93.69
–143.06
2.38
–3.63
35
A2
102.32
–143.06
2.60
–3.63
36
A1
110.94
–143.06
2.82
–3.63
37
A0
119.57
–143.06
3.04
–3.63
38
CE#
128.19
–143.06
3.26
–3.63
39
VSS
128.19
139.03
3.26
3.53
40
OE#
114.94
139.03
2.92
3.53
41
DQ0
106.36
139.03
2.70
3.53
42
DQ8
96.72
139.03
2.46
3.53
43
DQ1
88.15
139.03
2.24
3.53
44
DQ9
78.51
139.03
1.99
3.53
45
DQ2
69.94
139.03
1.78
3.53
46
DQ10
60.30
139.03
1.53
3.53
47
DQ3
51.74
139.03
1.31
3.53


Similar Part No. - AM29BL162CB-9DPH1

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29BL162CB-90R SPANSION-AM29BL162CB-90R Datasheet
839Kb / 50P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BL162CB-90RZE AMD-AM29BL162CB-90RZE Datasheet
821Kb / 52P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29BL162CB-90RZF AMD-AM29BL162CB-90RZF Datasheet
821Kb / 52P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29BL162CB-90RZI AMD-AM29BL162CB-90RZI Datasheet
821Kb / 52P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29BL162CB-90RZK AMD-AM29BL162CB-90RZK Datasheet
821Kb / 52P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
More results

Similar Description - AM29BL162CB-9DPH1

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29BL802C SPANSION-AM29BL802C_03 Datasheet
290Kb / 17P
   8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only, Burst-mode, Boot Sector Flash Memory-Die Revision 1
AM29BL162C SPANSION-AM29BL162C Datasheet
839Kb / 50P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BL162C AMD-AM29BL162C Datasheet
821Kb / 52P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29LV800B-1 AMD-AM29LV800B-1 Datasheet
80Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D_06 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com