Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV160BB-70RSE Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29LV160BB-70RSE
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV160BB-70RSE Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29LV160BB-70RSE Datasheet HTML 7Page - Advanced Micro Devices AM29LV160BB-70RSE Datasheet HTML 8Page - Advanced Micro Devices AM29LV160BB-70RSE Datasheet HTML 9Page - Advanced Micro Devices AM29LV160BB-70RSE Datasheet HTML 10Page - Advanced Micro Devices AM29LV160BB-70RSE Datasheet HTML 11Page - Advanced Micro Devices AM29LV160BB-70RSE Datasheet HTML 12Page - Advanced Micro Devices AM29LV160BB-70RSE Datasheet HTML 13Page - Advanced Micro Devices AM29LV160BB-70RSE Datasheet HTML 14Page - Advanced Micro Devices AM29LV160BB-70RSE Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Am29LV160B
9
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29LV160B
T
-70R
E
C
OPTIONAL PROCESSING
Blank =Standard Processing
B=Burn-in
(Contact an AMD representative for more information)
TEMPERATURE RANGE
C
=Commercial (0°C to +70°C)
D
=Commercial (0°C to +70°C) with Pb-free package
I
= Industrial (–40
°C to +85°C)
F
= Industrial (–40
°C to +85°C) with Pb-free package
E
=Extended (–55
°C to +125°C)
K
=Extended (–55
°C to +125°C) with Pb-free package
PACKAGE TYPE
E
=48-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS 048)
F
=48-Pin Thin Small Outline Package (TSOP)
Reverse Pinout (TSR048)
S
=44-Pin Small Outline Package (SO 044)
WC
=48-ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 8 x 9 mm package (FBC048)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
= Top Sector
B
= Bottom Sector
DEVICE NUMBER/DESCRIPTION
Am29LV160B
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program and Erase
Valid Combinations For TSOP and SO Packages
AM29LV160BT-70R,
AM29LV160BB-70R
EC, FC, SC,
ED, SD
AM29LV160BT-80,
AM29LV160BB-80
EC, EI, EE, ED, EF, EK
FC, FI, FE,
SC, SI, SE, SD, SF, SK
AM29LV160BT-90,
AM29LV160BB-90
AM29LV160BT-120,
AM29LV160BB-120
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29LV160BT-70R,
AM29LV160BB-70R
WCC,
WCD
L160BT70R,
L160BB70R
C, D
AM29LV160BT-80,
AM29LV160BB-80
WCC,
WCI,
WCE,
WCD,
WCF,
WCK
L160BT80V,
L160BB80V
C, I,
E, D, F,
K
AM29LV160BT-90,
AM29LV160BB-90
L160BT90V,
L160BB90V
AM29LV160BT-120,
AM29LV160BB-120
L160BT12V,
L160BB12V


Similar Part No. - AM29LV160BB-70RSE

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV160BB-80REC AMD-AM29LV160BB-80REC Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV160BB-70RSE

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D_06 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B-1 AMD-AM29LV160B-1 Datasheet
695Kb / 48P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J70BFI010 SPANSION-S29AL016J70BFI010 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160DT-70EI AMD-AM29LV160DT-70EI Datasheet
1Mb / 50P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV160DB-70EC SPANSION-AM29LV160DB-70EC Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70BFI020 SPANSION-S29AL016J70BFI020 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com