Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV640MU90PCI Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29LV640MU90PCI
Description  64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MU90PCI Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29LV640MU90PCI Datasheet HTML 6Page - Advanced Micro Devices AM29LV640MU90PCI Datasheet HTML 7Page - Advanced Micro Devices AM29LV640MU90PCI Datasheet HTML 8Page - Advanced Micro Devices AM29LV640MU90PCI Datasheet HTML 9Page - Advanced Micro Devices AM29LV640MU90PCI Datasheet HTML 10Page - Advanced Micro Devices AM29LV640MU90PCI Datasheet HTML 11Page - Advanced Micro Devices AM29LV640MU90PCI Datasheet HTML 12Page - Advanced Micro Devices AM29LV640MU90PCI Datasheet HTML 13Page - Advanced Micro Devices AM29LV640MU90PCI Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
8
Am29LV640MU
25301C5 February 1, 2007
D A TA
SH EE T
PIN DESCRIPTION
A21–A0
= 22 Address inputs
DQ15–DQ0 = 15 Data inputs/outputs
CE#
= Chip Enable input
OE#
= Output Enable input
WE#
= Write Enable input
ACC
= Programming Acceleration input
RESET#
= Hardware Reset Pin input
RY/BY#
= Ready/Busy output
V
CC
= 3.0 volt-only single power supply
(see Product Selector Guide for
speed options and voltage
supply tolerances)
V
IO
= Output Buffer power
V
SS
= Device Ground
NC
= Pin Not Connected Internally
LOGIC SYMBOL
22
16
DQ15–DQ0
A21–A0
CE#
OE#
WE#
RESET#
RY/BY#
ACC
VIO


Similar Part No. - AM29LV640MU90PCI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV640MU90R AMD-AM29LV640MU90R Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU90RPCI AMD-AM29LV640MU90RPCI Datasheet
1Mb / 58P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with
AM29LV640MU90RPCI AMD-AM29LV640MU90RPCI Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU90RWHI AMD-AM29LV640MU90RWHI Datasheet
1Mb / 58P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with
AM29LV640MU90RWHI AMD-AM29LV640MU90RWHI Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results

Similar Description - AM29LV640MU90PCI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV641MH AMD-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_02 Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641MH SPANSION-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV065M AMD-AM29LV065M Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV065MU AMD-AM29LV065MU Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV640MH SPANSION-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640MH AMD-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641G SPANSION-AM29LV641G Datasheet
1Mb / 55P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV033MU SPANSION-AM29LV033MU_06 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV641G AMD-AM29LV641G Datasheet
1Mb / 55P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com