Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F200BB-120SK Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29F200BB-120SK
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200BB-120SK Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29F200BB-120SK Datasheet HTML 5Page - Advanced Micro Devices AM29F200BB-120SK Datasheet HTML 6Page - Advanced Micro Devices AM29F200BB-120SK Datasheet HTML 7Page - Advanced Micro Devices AM29F200BB-120SK Datasheet HTML 8Page - Advanced Micro Devices AM29F200BB-120SK Datasheet HTML 9Page - Advanced Micro Devices AM29F200BB-120SK Datasheet HTML 10Page - Advanced Micro Devices AM29F200BB-120SK Datasheet HTML 11Page - Advanced Micro Devices AM29F200BB-120SK Datasheet HTML 12Page - Advanced Micro Devices AM29F200BB-120SK Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
November 1, 2006 21526D4
Am29F200B
7
D A TA
SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29F200B
T
-45
E
C
TEMPERATURE RANGE
C
=
Commercial
(0
°C to +70°C)
D
=
Commercial
(0
°C to +70°C) with Pb-free package
I
=
Industrial (–40
°C to +85°C)
F
=
Industrial (–40
°C to +85°C) with Pb-free package
E
=
Extended (–55
°C to +125°C)
K
=
Extended (–55
°C to +125°C) with Pb-free package
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048)
S
=
44-Pin Small Outline Package (SO 044
)
This device is also available in Known Good Die (KGD) form. See publication number
21257 for more information.
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29F200B
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS Flash Memory
5.0 Volt-only Program and Erase
Valid Combinations
VCC Voltage
AM29F200BT-45,
AM29F200BB-45
EC, EI, SC, SI
ED, EF, SD, SF
5.0 V
± 5%
AM29F200BT-50,
AM29F200BB-50
EC, EI, EE, ED, EF, EK
SC, SI, SE, SD, SF, SK
AM29F200BT-55,
AM29F200BB-55
5.0 V
± 10%
AM29F200BT-70,
AM29F200BB-70
AM29F200BT-90,
AM29F200BB-90
AM29F200BT-120,
AM29F200BB-120


Similar Part No. - AM29F200BB-120SK

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F200BB-120 AMD-AM29F200BB-120 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200BB-120DG1 AMD-AM29F200BB-120DG1 Datasheet
522Kb / 11P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
AM29F200BB-120DGC1 AMD-AM29F200BB-120DGC1 Datasheet
522Kb / 11P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
AM29F200BB-120DGE1 AMD-AM29F200BB-120DGE1 Datasheet
522Kb / 11P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
AM29F200BB-120DGI1 AMD-AM29F200BB-120DGI1 Datasheet
522Kb / 11P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
More results

Similar Description - AM29F200BB-120SK

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV200 AMD-AM29LV200 Datasheet
478Kb / 37P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B_06 Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F002B AMD-AM29F002B_06 Datasheet
796Kb / 42P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F002 AMD-AM29F002 Datasheet
436Kb / 37P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F002B AMD-AM29F002B Datasheet
792Kb / 40P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com