Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F400BT-45EC0 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29F400BT-45EC0
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400BT-45EC0 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29F400BT-45EC0 Datasheet HTML 6Page - Advanced Micro Devices AM29F400BT-45EC0 Datasheet HTML 7Page - Advanced Micro Devices AM29F400BT-45EC0 Datasheet HTML 8Page - Advanced Micro Devices AM29F400BT-45EC0 Datasheet HTML 9Page - Advanced Micro Devices AM29F400BT-45EC0 Datasheet HTML 10Page - Advanced Micro Devices AM29F400BT-45EC0 Datasheet HTML 11Page - Advanced Micro Devices AM29F400BT-45EC0 Datasheet HTML 12Page - Advanced Micro Devices AM29F400BT-45EC0 Datasheet HTML 13Page - Advanced Micro Devices AM29F400BT-45EC0 Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
8
Am29F400B
21505E5 November 1, 2006
D A TA
SH EE T
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is composed of latches that store the
commands, along with the address and data informa-
tion needed to execute the command. The contents of
the register serve as inputs to the internal state
machine. The state machine outputs dictate the func-
tion of the device. Table 1 lists the device bus
operations, the inputs and control levels they require,
and the resulting output. The following subsections
describe each of these operations in further detail.
Table 1.
Am29F400B Device Bus Operations
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0 ± 0.5 V, X = Don’t Care, DIN = Data In, DOUT = Data Out, AIN = Address In
Note:See the sections onSector Group Protection and Temporary Sector Unprotect for more information.
Word/Byte Configuration
The BYTE# pin controls whether the device data I/O
pins DQ15–DQ0 operate in the byte or word configura-
tion. If the BYTE# pin is set at logic ‘1’, the device is in
word configuration, DQ15–DQ0 are active and con-
trolled by CE# and OE#.
If the BYTE# pin is set at logic ‘0’, the device is in byte
configuration, and only data I/O pins DQ0–DQ7 are
active and controlled by CE# and OE#. The data I/O
pins DQ8–DQ14 are tri-stated, and the DQ15 pin is
used as an input for the LSB (A-1) address function.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output
control and gates array data to the output pins. WE#
should remain at VIH. The BYTE# pin determines
whether the device outputs array data in words or
bytes.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory
content occurs during the power transition. No
command is necessary in this mode to obtain array
data. Standard microprocessor read cycles that assert
valid addresses on the device address inputs produce
valid data on the device data outputs. The device
remains enabled for read access until the command
register contents are altered.
See “Reading Array Data” for more information. Refer
to the AC Read Operations table for timing specifica-
tions and to Figure 9 for the timing diagram. ICC1 in the
DC Characteristics table represents the active current
specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which
includes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# to VIL, and OE# to VIH.
For program operations, the BYTE# pin determines
whether the device accepts program data in bytes or
words. Refer to “Word/Byte Configuration” for more
information.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. Tables 2 and 3 indicate the
address space that each sector occupies. A “sector
address” consists of the address bits required to
uniquely select a sector. The “Command Definitions”
section has details on erasing a sector or the entire
chip, or suspending/resuming the erase operation.
Operation
CE#
OE#
WE#
RESET#
A0–A17
DQ0–DQ7
DQ8–DQ15
BYTE#
= VIH
BYTE#
= VIL
Read
L
L
H
H
AIN
DOUT
DOUT
High-Z
Write
L
H
L
H
AIN
DIN
DIN
High-Z
CMOS Standby
VCC ±
0.5 V
XX
VCC ±
0.5 V
X
High-Z
High-Z
High-Z
TTL Standby
H
X
X
H
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
High-Z
High-Z
High-Z
Hardware Reset
X
X
X
L
X
High-Z
High-Z
High-Z
Temporary Sector Unprotect (See Note)
X
X
X
VID
AIN
DIN
DIN
X


Similar Part No. - AM29F400BT-45EC0

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F400BT-45EC0 AMD-AM29F400BT-45EC0 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29F400BT-45EC0

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F400B SPANSION-AM29F400B_09 Datasheet
862Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV400 AMD-AM29LV400 Datasheet
516Kb / 40P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV400BT-90EC SPANSION-AM29LV400BT-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BB-90EC SPANSION-AM29LV400BB-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70EI SPANSION-AM29LV400BT-70EI Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70SC SPANSION-AM29LV400BT-70SC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com