Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV640MU90WHI Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29LV640MU90WHI
Description  64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MU90WHI Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29LV640MU90WHI Datasheet HTML 1Page - Advanced Micro Devices AM29LV640MU90WHI Datasheet HTML 2Page - Advanced Micro Devices AM29LV640MU90WHI Datasheet HTML 3Page - Advanced Micro Devices AM29LV640MU90WHI Datasheet HTML 4Page - Advanced Micro Devices AM29LV640MU90WHI Datasheet HTML 5Page - Advanced Micro Devices AM29LV640MU90WHI Datasheet HTML 6Page - Advanced Micro Devices AM29LV640MU90WHI Datasheet HTML 7Page - Advanced Micro Devices AM29LV640MU90WHI Datasheet HTML 8Page - Advanced Micro Devices AM29LV640MU90WHI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
Publication# 25301
Rev: C Amendment/5
Issue Date: February 1, 2007
DATA SHEET
Am29LV640MU
64 Megabit (4 M x 16-Bit) MirrorBit
3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O
™ Control
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
Single power supply operation
— 3 V for read, erase, and program operations
VersatileI/O
™ control
— Device generates data output voltages and tolerates
data input voltages on the CE# and DQ inputs/outputs
as determined by the voltage on the V
IO pin; operates
from 1.65 to 3.6 V
Manufactured on 0.23 µm MirrorBit process
technology
Secured Silicon Sector region
— 128-word sector for permanent, secure identification
through an 8-word random Electronic Serial Number,
accessible through a command sequence
— May be programmed and locked at the factory or by
the customer
Flexible sector architecture
— One hundred twenty-eight 32 Kword sectors
Compatibility with JEDEC standards
— Provides pinout and software compatibility for
single-power supply flash, and superior inadvertent
write protection
Minimum 100,000 erase cycle guarantee per sector
20-year data retention at 125
°C
PERFORMANCE CHARACTERISTICS
High performance
— 90 ns access time
— 25 ns page read times
— 0.5 s typical sector erase time
— 22 µs typical effective write buffer word programming
time: 16-word write buffer reduces overall
programming time for multiple-word/byte updates
— 4-word page read buffer
— 16-word write buffer
Low power consumption (typical values at 3.0 V, 5
MHz)
— 30 mA typical active read current
— 50 mA typical erase/program current
— 1 µA typical standby mode current
Package options
— 63-ball Fine-Pitch BGA
— 64-ball Fortified BGA
SOFTWARE & HARDWARE FEATURES
Software features
— Program Suspend & Resume: read other sectors
before programming operation is completed
— Erase Suspend & Resume: read/program other
sectors before an erase operation is completed
— Data# polling & toggle bits provide status
— Unlock Bypass Program command reduces overall
multiple-word programming time
— CFI (Common Flash Interface) compliant: allows host
system to identify and accommodate multiple flash
devices
Hardware features
— Sector Group Protection: hardware-level method of
preventing write operations within a sector group
— Temporary Sector Unprotect: VID-level method of
changing code in locked sectors
— ACC (high voltage) input accelerates programming
time for higher throughput during system production
— Hardware reset input (RESET#) resets device
— Ready/Busy# output (RY/BY#) indicates program or
erase cycle completion
This product has been retired and is not available for designs. For new and current designs, S29GL064A supersedes Am29LV640M U and is the factory-recommended migration path.
Please refer to the S29GL064A datasheet for specifications and ordering information. Availability of this document is retained for reference and historical purposes only.


Similar Part No. - AM29LV640MU90WHI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV640MU90R AMD-AM29LV640MU90R Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU90RPCI AMD-AM29LV640MU90RPCI Datasheet
1Mb / 58P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with
AM29LV640MU90RPCI AMD-AM29LV640MU90RPCI Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU90RWHI AMD-AM29LV640MU90RWHI Datasheet
1Mb / 58P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with
AM29LV640MU90RWHI AMD-AM29LV640MU90RWHI Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results

Similar Description - AM29LV640MU90WHI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV641MH AMD-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_02 Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641MH SPANSION-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV065M AMD-AM29LV065M Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV065MU AMD-AM29LV065MU Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV640MH SPANSION-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640MH AMD-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641G SPANSION-AM29LV641G Datasheet
1Mb / 55P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV033MU SPANSION-AM29LV033MU_06 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV641G AMD-AM29LV641G Datasheet
1Mb / 55P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com