Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM193FE Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LM193FE
Description  Low power dual voltage comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM193FE Datasheet(HTML) 6 Page - NXP Semiconductors

  LM193FE Datasheet HTML 1Page - NXP Semiconductors LM193FE Datasheet HTML 2Page - NXP Semiconductors LM193FE Datasheet HTML 3Page - NXP Semiconductors LM193FE Datasheet HTML 4Page - NXP Semiconductors LM193FE Datasheet HTML 5Page - NXP Semiconductors LM193FE Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Philips Semiconductors
Product specification
LM193/A/293/A/393/A/2903
Low power dual voltage comparator
1995 Nov 27
6
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT
VIN
+
+ 5V
80
60
40
20
0
10
20
30
40
v + — SUPPLY VOLTAGE — VDC
TA = 0
oC
TA = +70
oC
TA = +25
oC
TA = +125
oC
VIN (CM) = 0
VDC
RIN (CM) = 10kΩ
OUT OF
SATURATION
TA = 25
o
10
1.0
0.1
0.01
0.001
0.01
0.1
1.0
10
100
IO — OUTPUT SINK CURRENT (mA)
6
5
4
3
2
1
0
0
–50
–100
0
0.5
1.0
1.5
2.0
TIME —
µ sec
5mV = INPUT OVERDRIVE
100mV
OVERDRIVE
TA = 25
oC
5.1K
VOUT
VIN
20mV
+
+ 5V
INPUT OVERDRIVE = 100mV
20mV
5mV
OVERDRIVE
6
5
4
3
2
1
0
0
–50
–100
0
0.5
1.0
1.5
2.0
TIME —
µ sec
TA = 25
oC
5.1K
Input Current
Output Saturation Voltage
Response Time for Various
Input Overdrives —
Negative Transition
Response Time for Various
Input Overdrives —
Positive Transition
TA = –55
oC
TA = –55
oC
TA = +125
oC
SL00082
Figure 4. Typical Performance Characteristics


Similar Part No. - LM193FE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193FK TI-LM193FK Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193FK TI-LM193FK Datasheet
458Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193FK TI1-LM193FK Datasheet
1Mb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193FK TI1-LM193FK Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
LM193FKB TI-LM193FKB Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - LM193FE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
   Low-power dual voltage comparator
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
   Low-power dual voltage comparator
logo
Agamem Microelectronic ...
AA393 AGAMEM-AA393 Datasheet
253Kb / 5P
   Low power dual voltage comparator
logo
STMicroelectronics
LM2903B STMICROELECTRONICS-LM2903B Datasheet
963Kb / 20P
   Low-power dual voltage comparator
Rev 2 - December 2022
logo
New Japan Radio
NJM393C NJRC-NJM393C Datasheet
441Kb / 7P
   Low power dual voltage comparator
ver.10
logo
STMicroelectronics
LM2903WH STMICROELECTRONICS-LM2903WH Datasheet
599Kb / 14P
   Low-power, dual-voltage comparator
LM2903WYDT STMICROELECTRONICS-LM2903WYDT Datasheet
835Kb / 15P
   Low-power, dual-voltage comparator
November 2012 Rev 2
logo
NXP Semiconductors
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
   Low power dual voltage comparator
August 31, 1994
logo
STMicroelectronics
LM2903W STMICROELECTRONICS-LM2903W Datasheet
666Kb / 13P
   Low-power dual voltage comparator
LM2903 STMICROELECTRONICS-LM2903_V01 Datasheet
1Mb / 21P
   Low-power dual voltage comparator
September 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com