Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD3008-DF10A Datasheet(PDF) 1 Page - Rohm

Part # KD3008-DF10A
Description  Thick film thermal printhead (11.8 dots / mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KD3008-DF10A Datasheet(HTML) 1 Page - Rohm

  KD3008-DF10A Datasheet HTML 1Page - Rohm KD3008-DF10A Datasheet HTML 2Page - Rohm KD3008-DF10A Datasheet HTML 3Page - Rohm KD3008-DF10A Datasheet HTML 4Page - Rohm KD3008-DF10A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KD3008-DF10A
Printheads
1/4
Thick film thermal printhead
(11.8 dots / mm)
KD3008-DF10A
Using its expertise in LSI technology, ROHM has developed new high density driver chips for use in the KD3008-DF10A .
Capable of being employed for both thermal and thermal transfer printing, with a print speed of 200mm/s, the resulting
print heads are the fastest in their class. The high-speed and high-density printing answers the needs of ATM, kiosk and
ticket printing devices, which are increasingly being called upon to produce graphical output.
Applications
Label printers
Ticket printers
Terminal printers
Features
1) The use of a special partial glaze and the latest heating element structure, along with new high-density driver chips that
can accept big current, has allowed ROHM to achieve print speeds of 200mm/s with using thermal history control, the
fastest in its class.
2) One rank resistance value of 1000
Ω ± 3% eliminates the inconvenience of rank selection.
3) The required driving voltage of 3.15 to 5.25V allows wide range of power supply voltage setting. This also allows
multiple choice of electronic components for printers.
4) 2-inch, 3-inch, 4-inch and 8-inch series are available.
Dimensions (Unit : mm)
Dot #1
Dot #2560
CONNECTOR.B
No.15
No.1
No.15
CONNECTOR.A
No.1
2-M3 (EFFECTIVE DEPTH 3)
5
±0.2
220.5
±0.2
CL
216.832 (EFFECTIVE PRINT WIDTH)
230 (SUBSTRATE WIDTH)
230.5
±0.3 (HEATSINK WIDTH)
RESIN COATING FOR PROTECTION IC
CENTER OF HEAT ELEMENT


Similar Part No. - KD3008-DF10A

ManufacturerPart #DatasheetDescription
logo
Rohm
KD3008-DF54A ROHM-KD3008-DF54A Datasheet
85Kb / 5P
   High speed thick film thermal printhead (11.8 dots / mm)
More results

Similar Description - KD3008-DF10A

ManufacturerPart #DatasheetDescription
logo
Rohm
KD3008-CF10A ROHM-KD3008-CF10A Datasheet
66Kb / 5P
   Thick film thermal printhead (11.8 dots / mm)
KF3008-GD34A ROHM-KF3008-GD34A Datasheet
76Kb / 5P
   High speed thick film thermal printhead (11.8 dots / mm)
KD3008-DF54A ROHM-KD3008-DF54A Datasheet
85Kb / 5P
   High speed thick film thermal printhead (11.8 dots / mm)
KD2002-DC10A ROHM-KD2002-DC10A Datasheet
53Kb / 4P
   Thick film thermal printhead (8 dots / mm)
KF2008-GH10A ROHM-KF2008-GH10A Datasheet
162Kb / 4P
   Thick film thermal printhead (8 dots / mm)
KF2010-GH10A ROHM-KF2010-GH10A Datasheet
164Kb / 4P
   Thick film thermal printhead (8 dots / mm)
KF2002-GL50A ROHM-KF2002-GL50A Datasheet
42Kb / 4P
   Thick film thermal printhead (8 dots / mm)
KF2003-GL50A ROHM-KF2003-GL50A Datasheet
45Kb / 4P
   Thick film thermal printhead (8 dots /mm)
KF2004-GL50A ROHM-KF2004-GL50A Datasheet
35Kb / 3P
   Thick film thermal printhead (8 dots / mm)
KF2008-GR10A ROHM-KF2008-GR10A Datasheet
166Kb / 4P
   Thick film thermal printhead (8 dots / mm)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com