Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZT3150 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DZT3150
Description  NPN SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZT3150 Datasheet(HTML) 2 Page - Diodes Incorporated

  DZT3150 Datasheet HTML 1Page - Diodes Incorporated DZT3150 Datasheet HTML 2Page - Diodes Incorporated DZT3150 Datasheet HTML 3Page - Diodes Incorporated DZT3150 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
V(BR)CEO
25
V
IC = 10mA, IB = 0
B
Collector Cutoff Current
ICBO
1.0
μA
VCB = 50V, IE = 0
Emitter Cutoff Current
IEBO
1.0
μA
VEB = 7.0V, IC = 0
ON CHARACTERISTICS
Collector-Emitter Saturation Voltage
VCE(SAT)
0.35
0.50
V
V
IC = 3.0A, IB = 150mA*
I
B
C = 4.0A, IB
B
= 200mA*
Base-Emitter Saturation Voltage
VBE(SAT)
1.10
1.40
V
V
IC = 3.0A, IB = 150mA*
I
B
C = 4.0A, IB
B
= 200mA*
DC Current Gain
hFE
250
150
50
500
IC = 500mA, VCE = 2.0V*
IC = 2.0A,
VCE = 2.0V*
IC = 5.0A,
VCE = 2.0V*
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
150
MHz
IC = 50mA, VCE = 6.0V,
f = 200MHz
Output Capacitance
Cobo
50
pF
VCB = 10V, IE = 0, f = 1MHz
*
Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%
Typical Characteristics @Tamb = 25°C unless otherwise specified
Fig. 1 Power Dissipation vs. Ambient Temperature (Note 3)
Fig. 2 Collector Current vs. Collector Emitter-Voltage
Notes:
3. Device mounted on FR-4 PCB, pad layout as shown on page 4.
DS30785 Rev. 3 - 2
2 of 4
www.diodes.com
DZT3150
© Diodes Incorporated


Similar Part No. - DZT3150

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT3150 DIODES-DZT3150 Datasheet
351Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT3150-13 DIODES-DZT3150-13 Datasheet
351Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT3150 DIODES-DZT3150_1 Datasheet
351Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT3150 DIODES-DZT3150_15 Datasheet
351Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
More results

Similar Description - DZT3150

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DCP55 DIODES-DCP55 Datasheet
361Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD2150R DIODES-2DD2150R Datasheet
153Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXT3150 DIODES-DXT3150 Datasheet
206Kb / 3P
   NPN SURFACE MOUNT TRANSISTOR
DCX54 DIODES-DCX54 Datasheet
229Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT2222A DIODES-DZT2222A_15 Datasheet
242Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DCP56 DIODES-DCP56 Datasheet
203Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT491 DIODES-DZT491 Datasheet
259Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXTA42 DIODES-DXTA42 Datasheet
155Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD1621T DIODES-2DD1621T Datasheet
211Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com