Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA534D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA534D
Description  Low power quad op amps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA534D Datasheet(HTML) 5 Page - NXP Semiconductors

  SA534D Datasheet HTML 1Page - NXP Semiconductors SA534D Datasheet HTML 2Page - NXP Semiconductors SA534D Datasheet HTML 3Page - NXP Semiconductors SA534D Datasheet HTML 4Page - NXP Semiconductors SA534D Datasheet HTML 5Page - NXP Semiconductors SA534D Datasheet HTML 6Page - NXP Semiconductors SA534D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
LM124/224/324/324A/
SA534/LM2902
Low power quad op amps
1995 Nov 27
5
EQUIVALENT CIRCUIT
v+
6µA
100
µA
Q2
Q3
Q1
Q4
INPUTS
+
Q8
Q9
CC
Q10
6
µA
Q5
Q7
Q6
RSC
OUTPUT
Q13
Q12
Q11
50
µA
SL00066
Figure 2. Equivalent Circuit


Similar Part No. - SA534D

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA53 CIRRUS-SA53 Datasheet
757Kb / 14P
   Switching Amplifier
SA53-IHZ CIRRUS-SA53-IHZ Datasheet
757Kb / 14P
   Switching Amplifier
logo
AUK corp
SA5311 AUK-SA5311 Datasheet
205Kb / 3P
   LED Lamp
SA5311B AUK-SA5311B Datasheet
205Kb / 3P
   LED Lamp
SA5315-F AUK-SA5315-F Datasheet
202Kb / 4P
   High Brightness LED Lamp
More results

Similar Description - SA534D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM148JAN TI1-LM148JAN Datasheet
710Kb / 21P
[Old version datasheet]   Quad 741 Op Amps
logo
National Semiconductor ...
LM148JAN NSC-LM148JAN Datasheet
806Kb / 18P
   Quad 741 Op Amps
logo
Texas Instruments
LM348N-NOPB TI1-LM348N-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Quad 741 Op Amps
logo
National Semiconductor ...
LM148QML NSC-LM148QML Datasheet
781Kb / 17P
   Quad 741 Op Amps
logo
Texas Instruments
LM148QML TI1-LM148QML Datasheet
710Kb / 20P
[Old version datasheet]   Quad 741 Op Amps
logo
Linear Integrated Syste...
LT1112 LINEAR-LT1112_1 Datasheet
339Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Linear Technology
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1114 LINER-LT1114_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com