Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR10U100CT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR10U100CT
Description  10A SBR Super Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR10U100CT Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR10U100CT Datasheet HTML 1Page - Diodes Incorporated SBR10U100CT Datasheet HTML 2Page - Diodes Incorporated SBR10U100CT Datasheet HTML 3Page - Diodes Incorporated SBR10U100CT Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SBR10U100CT
SBR10U100CTFP
SBR10U100CTB
Package Outline Drawings
TO-220AB
ITO-220AB
SBR10U100 Rev. 2
3 of 4
www.diodes.com
January 2007
© Diodes Incorporated
ITO-220AB
DIM.
MIN.
MAX.
A
4.30
4.70
b
0.50
0.75
b1
1.10
1.35
b2
1.50
1.75
c
0.50
0.75
D
14.80
15.20
E
9.96
10.36
e
2.54 typ
F
2.80
3.20
J1
2.50
2.90
L
12.80
13.60
L1
1.70
1.90
ØP
3.50 typ
Q
2.70 typ
All Dimensions in Millimeters
TO-220AB
DIM.
MIN.
MAX.
A
4.47
4.67
b
0.71
0.91
b1
1.17
1.37
c
0.31
0.53
D
14.65
15.35
D1
8.50
8.90
E
10.01
10.31
e
2.54 typ
e1
4.98
5.18
F
1.17
1.37
J1
2.52
2.82
L
13.40
13.80
L1
3.56
3.96
ØP
3.735
3.935
Q
2.59
2.89
All Dimensions in Millimeters
D
2PAK
D
2PAK
DIM.
MIN.
MAX.
A
4.40
4.80
b
0.76
1.00
b2
1.17
1.47
c
0.36
0.50
c2
1.25
1.45
D
8.60
9.00
E
9.80
10.40
e
2.54 typ
L
14.60
15.80
L1
2.29
2.79
L2
1.27 typ
All Dimensions in Millimeters


Similar Part No. - SBR10U100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U100CT DIODES-SBR10U100CT Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR10U100CT DIODES-SBR10U100CT Datasheet
172Kb / 5P
   SUPER BARRIER RECTIFIER
SBR10U100CT DIODES-SBR10U100CT Datasheet
172Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10U100CT-G DIODES-SBR10U100CT-G Datasheet
172Kb / 5P
   SUPER BARRIER RECTIFIER
SBR10U100CT-G DIODES-SBR10U100CT-G Datasheet
172Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR10U100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U300CT DIODES-SBR10U300CT Datasheet
180Kb / 3P
   10A SBR Super Barrier Rectifier
SBR10U300 Rev. 2
SBR10100CT DIODES-SBR10100CT Datasheet
178Kb / 3P
   10A SBR Super Barrier Rectifier
SBR10100 Rev. 2
SBR10100CTL DIODES-SBR10100CTL_18 Datasheet
421Kb / 5P
   10A SBR SUPER BARRIER RECTIFIER
SBR10E45P5 DIODES-SBR10E45P5 Datasheet
564Kb / 5P
   10A SBR SUPER BARRIER RECTIFIER
SBR1040CT DIODES-SBR1040CT Datasheet
171Kb / 3P
   10A SBR Super Barrier Rectifier
SBR1040 Rev. 2
SBR1060CT DIODES-SBR1060CT Datasheet
139Kb / 3P
   10A SBR Super Barrier Rectifier
SBR1060 Rev. 2
SBR10B45P5 DIODES-SBR10B45P5 Datasheet
603Kb / 5P
   10A SBR SUPER BARRIER RECTIFIER
SBR10U40CT DIODES-SBR10U40CT Datasheet
180Kb / 3P
   10A SBR Super Barrier Rectifier
SBR10U40 Rev. 2
SBR10U45D1Q DIODES-SBR10U45D1Q Datasheet
699Kb / 6P
   10A SBR SUPER BARRIER RECTIFIER
January 2022
SBR10U60CT DIODES-SBR10U60CT Datasheet
179Kb / 3P
   10A SBR Super Barrier Rectifier
SBR10U60 Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com