Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV200BB-120DTI Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29LV200BB-120DTI
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV200BB-120DTI Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29LV200BB-120DTI Datasheet HTML 1Page - Advanced Micro Devices AM29LV200BB-120DTI Datasheet HTML 2Page - Advanced Micro Devices AM29LV200BB-120DTI Datasheet HTML 3Page - Advanced Micro Devices AM29LV200BB-120DTI Datasheet HTML 4Page - Advanced Micro Devices AM29LV200BB-120DTI Datasheet HTML 5Page - Advanced Micro Devices AM29LV200BB-120DTI Datasheet HTML 6Page - Advanced Micro Devices AM29LV200BB-120DTI Datasheet HTML 7Page - Advanced Micro Devices AM29LV200BB-120DTI Datasheet HTML 8Page - Advanced Micro Devices AM29LV200BB-120DTI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
November 18, 2003
Am29LV200B Known Good Die
5
SU PP L E ME NT
PAD DESCRIPTION (RELATIVE TO VCC)
Note: The coordinates above are relative to the center of pad 1 and can be used to operate wire bonding equipment.
Pad
Signal
Pad Center (mils)
Pad Center (millimeters)
X
YXY
1VCC
0.00
0.00
0.00
0.00
2
DQ4
–12.10
0.00
–0.31
0.00
3
DQ12
–18.00
0.00
–0.46
0.00
4
DQ5
–23.90
0.00
–0.61
0.00
5
DQ13
–29.80
0.00
–0.76
0.00
6
DQ6
–35.60
0.00
–0.90
0.00
7
DQ14
–41.50
0.00
–1.05
0.00
8
DQ7
–47.40
0.00
–1.20
0.00
9
DQ15/A–1
–53.30
0.00
–1.35
0.00
10
VSS
–62.70
–1.50
–1.59
–0.04
11
BYTE#
–62.70
–11.60
–1.59
–0.29
12
A16
–62.70
–21.70
–1.59
–0.55
13
A15
–62.40
–112.50
–1.58
–2.86
14
A14
–55.00
–112.50
–1.40
–2.86
15
A13
–49.60
–112.50
–1.26
–2.86
16
A12
–43.80
–112.50
–1.11
–2.86
17
A11
–38.40
–112.50
–0.98
–2.86
18
A10
–32.50
–112.50
–0.83
–2.86
19
A9
–27.10
–112.30
–0.69
–2.85
20
A8
–21.20
–112.50
–0.54
–2.86
21
WE#
–15.70
–112.50
–0.40
–2.86
22
RESET#
–6.20
–116.30
–0.16
–2.95
23
RY/BY#
11.10
–116.30
0.28
–2.95
24
Not Connected
N/A
N/A
N/A
N/A
25
A7
28.90
–112.50
0.73
–2.86
26
A6
34.30
–112.50
0.87
–2.86
27
A5
40.20
–112.50
1.02
–2.86
28
A4
45.60
–112.50
1.16
–2.86
29
A3
51.40
–112.50
1.31
–2.86
30
A2
56.80
–112.50
1.44
–2.86
31
A1
64.20
–112.50
1.63
–2.86
32
A0
64.50
–21.90
1.64
–0.56
33
CE#
64.50
–11.80
1.64
–0.30
34
VSS
64.50
–1.70
1.64
–0.04
35
OE#
55.10
0.90
1.40
0.02
36
DQ0
47.50
0.00
1.21
0.00
37
DQ8
41.60
0.00
1.06
0.00
38
DQ1
35.80
0.00
0.91
0.00
39
DQ9
29.80
0.00
0.76
0.00
40
DQ2
24.00
0.00
0.61
0.00
41
DQ10
18.10
0.00
0.46
0.00
42
DQ3
12.30
0.00
0.31
0.00
43
DQ11
6.30
0.00
0.16
0.00


Similar Part No. - AM29LV200BB-120DTI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV200BB-120EC AMD-AM29LV200BB-120EC Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BB-120EC AMD-AM29LV200BB-120EC Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BB-120ECB AMD-AM29LV200BB-120ECB Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BB-120ED AMD-AM29LV200BB-120ED Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BB-120EE AMD-AM29LV200BB-120EE Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV200BB-120DTI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV200 AMD-AM29LV200 Datasheet
478Kb / 37P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B_06 Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV001B AMD-AM29LV001B Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV001B AMD-AM29LV001B_06 Datasheet
767Kb / 43P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com