Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM300E3U-12H Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # CM300E3U-12H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM300E3U-12H Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CM300E3U-12H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM300E3U-12H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM300E3U-12H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM300E3U-12H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Sep.1998
Dimensions
Inches
Millimeters
A
4.25
108.0
B
2.44
62.0
C
1.14 +0.04/-0.02 29 +1.0/-0.5
D
3.66
±0.01
93.0
±0.25
E
1.88
±0.01
48.0
±0.25
F
0.87
22.0
G
0.16
4.0
H
0.24
6.0
K
0.71
18.0
Dimensions
Inches
Millimeters
K
0.71
18.0
L
0.87
22.0
M
0.33
8.5
N
0.10
2.5
P
0.85
21.5
Q
0.98
25.0
R
0.11
2.8
S
0.25 Dia.
6.5 Dia.
T
0.6
15.15
Description:
Mitsubishi IGBT Modules are de-
signed for use in switching applica-
tions. Each module consists of one
IGBT having a reverse-connected
super-fast recovery free-wheel di-
ode and an anode-collector con-
nected super-fast recovery free-
wheel diode. All components and
interconnects are isolated from the
heat sinking baseplate, offering
simplified system assembly and
thermal management
.
Features:
Low Drive Power
Low VCE(sat)
Discrete Super-Fast Recovery
Free-Wheel Diode
High Frequency Operation
Isolated Baseplate for Easy
Heat Sinking
Application:
Brake
Ordering Information:
Example: Select the complete
module number you desire from the
table - i.e. CM300E3U-12H is a
600V (VCES), 300 Ampere IGBT
Module.
Current Rating
VCES
Type
Amperes
Volts (x 50)
CM
300
12
MITSUBISHI IGBT MODULES
CM300E3U-12H
HIGH POWER SWITCHING USE
INSULATED TYPE
Outline Drawing and Circuit Diagram
CM
A
S (4 - Mounting
Holes)
B
3 - M6 Nuts
E
T
D
Q
K
K
K
F
R
QN
G
P
H
C
L
M
TC Measured
Point
E2
E2
G2
C1
C2E1


Similar Part No. - CM300E3U-12H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM300E3U-12H POWEREX-CM300E3U-12H Datasheet
60Kb / 4P
   Chopper IGBTMOD 300 Amperes/600 Volts
More results

Similar Description - CM300E3U-12H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com