Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9236BRU-80EB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9236BRU-80EB
Description  12-Bit, 80 MSPS, 3 V A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9236BRU-80EB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9236BRU-80EB Datasheet HTML 2Page - Analog Devices AD9236BRU-80EB Datasheet HTML 3Page - Analog Devices AD9236BRU-80EB Datasheet HTML 4Page - Analog Devices AD9236BRU-80EB Datasheet HTML 5Page - Analog Devices AD9236BRU-80EB Datasheet HTML 6Page - Analog Devices AD9236BRU-80EB Datasheet HTML 7Page - Analog Devices AD9236BRU-80EB Datasheet HTML 8Page - Analog Devices AD9236BRU-80EB Datasheet HTML 9Page - Analog Devices AD9236BRU-80EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD9236
Rev. B | Page 6 of 36
SWITCHING SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, unless otherwise noted.
Table 4.
AD9236BRU/AD9236BCP
Parameter
Temp
Test Level
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Maximum Conversion Rate
Full
VI
80
MSPS
Minimum Conversion Rate
Full
V
1
MSPS
CLK Period
Full
V
12.5
ns
CLK Pulse Width High1
Full
V
4.0
ns
CLK Pulse Width Low1
Full
V
4.0
ns
DATA OUTPUT PARAMETERS
Output Propagation Delay (tPD)2
Full
V
3.5
ns
Pipeline Delay (Latency)
Full
V
7
Cycles
Aperture Delay (tA)
Full
V
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
V
0.3
ps rms
Wake-Up Time3
Full
V
7
ms
OUT OF RANGE RECOVERY TIME
Full
V
2
Cycles
1 With duty cycle stabilizer (DCS) enabled.
2 Output propagation delay is measured from CLK 50% transition to DATA 50% transition, with 5 pF load.
3 Wake-up time is dependant on the value of the decoupling capacitors; typical values shown with 0.1 μF and 10 μF capacitors on REFT and REFB.
tA
2.0ns MIN
tPD = 6.0ns MAX
03066-0-002
N–9
N–8
N–7
N–6
N–5
N–4
N–3
N–2
N–1
N
ANALOG
INPUT
CLK
DATA
OUT
N–1
N
N+1
N+2
N+3
N+4
N+5
N+6
N+7
N+8
Figure 2. Timing Diagram
Table 5. Explanation of Test Levels
Test Level
Definitions
I
100% production tested.
II
100% production tested at 25°C and guaranteed by design and characterization at specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characterization testing.
V
Parameter is a typical value only.
VI
100% production tested at 25°C and guaranteed by design and characterization for industrial temperature range.


Similar Part No. - AD9236BRU-80EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9236BRU-80EB AD-AD9236BRU-80EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9236BRU-80EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9236 AD-AD9236_17 Datasheet
1Mb / 37P
   12-Bit, 80 MSPS, 3 V A/D Converter
AD9236 AD-AD9236_15 Datasheet
1Mb / 36P
   12-Bit, 80 MSPS, 3 V A/D Converter
REV. C
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD9283BRSZ-100 AD-AD9283BRSZ-100 Datasheet
231Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9283 AD-AD9283_15 Datasheet
258Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9245 AD-AD9245 Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com