Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57311V2331+060 Datasheet(PDF) 8 Page - EPCOS

Part # B57311V2331+060
Description  SMDs with nickel barrier termination, case size 0603
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57311V2331+060 Datasheet(HTML) 8 Page - EPCOS

Back Button B57311V2331+060 Datasheet HTML 4Page - EPCOS B57311V2331+060 Datasheet HTML 5Page - EPCOS B57311V2331+060 Datasheet HTML 6Page - EPCOS B57311V2331+060 Datasheet HTML 7Page - EPCOS B57311V2331+060 Datasheet HTML 8Page - EPCOS B57311V2331+060 Datasheet HTML 9Page - EPCOS B57311V2331+060 Datasheet HTML 10Page - EPCOS B57311V2331+060 Datasheet HTML 11Page - EPCOS B57311V2331+060 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
B57311V2101J060
R/T No.
8501
T (
°C)
B25/100 = 3550 K, R25 = 100
Ω, T
R = 25
°C, ∆R
R/RR =
± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
5663
4635
6691
18.1
2.8
6.5
50.0
4113
3412
4815
17.1
2.7
6.3
45.0
3021
2537
3504
16.0
2.6
6.1
40.0
2242
1906
2579
15.0
2.6
5.9
35.0
1681
1445
1917
14.0
2.5
5.7
30.0
1272
1105
1439
13.1
2.4
5.5
25.0
971.6
852.6
1091
12.2
2.3
5.3
20.0
748.5
663.2
833.9
11.4
2.2
5.1
15.0
581.5
520.0
643.1
10.6
2.1
5.0
10.0
455.4
410.7
500.0
9.8
2.0
4.8
5.0
359.3
326.8
391.8
9.0
1.9
4.7
0.0
285.6
261.8
309.3
8.3
1.8
4.5
5.0
228.6
211.2
246.0
7.6
1.7
4.4
10.0
184.2
171.4
196.9
6.9
1.6
4.3
15.0
149.3
139.9
158.7
6.3
1.5
4.1
20.0
121.8
114.9
128.7
5.7
1.4
4.0
25.0
100.00
95.00
105.0
5.0
1.3
3.9
30.0
82.54
77.88
87.19
5.6
1.5
3.8
35.0
68.49
64.24
72.75
6.2
1.7
3.7
40.0
57.14
53.28
61.00
6.8
1.9
3.6
45.0
47.91
44.41
51.40
7.3
2.1
3.5
50.0
40.36
37.20
43.51
7.8
2.3
3.4
55.0
34.16
31.32
37.00
8.3
2.5
3.3
60.0
29.04
26.48
31.60
8.8
2.7
3.2
65.0
24.80
22.50
27.10
9.3
3.0
3.1
70.0
21.26
19.19
23.33
9.7
3.2
3.0
75.0
18.30
16.44
20.16
10.2
3.4
3.0
80.0
15.81
14.13
17.49
10.6
3.7
2.9
85.0
13.71
12.20
15.23
11.0
3.9
2.8
90.0
11.94
10.57
13.30
11.4
4.2
2.7
95.0
10.43
9.192
11.66
11.8
4.4
2.7
100.0
9.137
8.020
10.25
12.2
4.7
2.6
105.0
8.033
7.021
9.046
12.6
5.0
2.5
110.0
7.085
6.165
8.004
13.0
5.2
2.5
115.0
6.267
5.431
7.102
13.3
5.5
2.4
120.0
5.559
4.799
6.320
13.7
5.8
2.4
125.0
4.945
4.252
5.639
14.0
6.1
2.3
Temperature measurement
B573**V
SMDs with nickel barrier termination, case size 0603
V3**
Page 8 of 33
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57311V2331+060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57311V2331+060 EPCOS-B57311V2331+060 Datasheet
58Kb / 4P
   Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination
More results

Similar Description - B57311V2331+060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57211V2471J060 EPCOS-B57211V2471J060 Datasheet
268Kb / 14P
   SMDs with nickel barrier termination, case size 0402
B57421V2103J62 EPCOS-B57421V2103J62 Datasheet
66Kb / 4P
   SMD NTC Thermistors with Nickel Barrier Termination, Size 0805
B59601 EPCOS-B59601 Datasheet
63Kb / 3P
   Sensors Limit Temperature Sensors, SMDs, EIA Size 0603
logo
AVX Corporation
NB12 AVX-NB12 Datasheet
200Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination
logo
EPCOS
CT0603S20ACCG EPCOS-CT0603S20ACCG Datasheet
144Kb / 9P
   SMD multilayer varistor with nickel barrier termination
B57211 EPCOS-B57211 Datasheet
57Kb / 3P
   SMD NTC Thermistors with Nickel Barrier Termination
B57411 EPCOS-B57411 Datasheet
58Kb / 4P
   Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination
B57311 EPCOS-B57311 Datasheet
58Kb / 4P
   Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination
logo
AVX Corporation
NB21 AVX-NB21 Datasheet
198Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination NB 21
logo
EPCOS
B59701 EPCOS-B59701 Datasheet
68Kb / 3P
   Limit Temperature Sensors, SMDs, EIA Size 0805
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com