Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2373BB Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MB2373BB
Description  Dual octal transparent latch 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2373BB Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MB2373BB Datasheet HTML 3Page - NXP Semiconductors MB2373BB Datasheet HTML 4Page - NXP Semiconductors MB2373BB Datasheet HTML 5Page - NXP Semiconductors MB2373BB Datasheet HTML 6Page - NXP Semiconductors MB2373BB Datasheet HTML 7Page - NXP Semiconductors MB2373BB Datasheet HTML 8Page - NXP Semiconductors MB2373BB Datasheet HTML 9Page - NXP Semiconductors MB2373BB Datasheet HTML 10Page - NXP Semiconductors MB2373BB Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2373
Dual octal transparent latch (3-State)
August 23, 1993
11
0
1
2
3
4
–55
–35
–15
5
25
45
65
85
105
125
–2
–1
0
1
2
3
4
0
50
100
150
200
tTHL vs Temperature (Tamb)
CL = 50pF, 1 Output Switching
°C
4.5VCC
5.5VCC
Adjustment of tTHL for
Load Capacitance and # of Outputs Switching
pF
16 switching
8 switching
1 switching
–2
–1
0
1
2
3
4
5
0
50
100
150
200
VOHV and VOLP vs Load Capacitance
VCC = 5V, VIN = 0 to 3V
pF
125
°C
25
°C
–55
°C
VOHP and VOLV vs Load Capacitance
VCC = 5V, VIN = 0 to 3V
pF
125
°C
25
°C
–55
°C
125
°C
25
°C
–55
°C
–0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
125
°C
25
°C
–55
°C


Similar Part No. - MB2373BB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2374 PHILIPS-MB2374 Datasheet
80Kb / 12P
   Dual octal D-type flip-flop; positive-edge trigger (3-State)
August 23, 1993
MB2374BB PHILIPS-MB2374BB Datasheet
80Kb / 12P
   Dual octal D-type flip-flop; positive-edge trigger (3-State)
August 23, 1993
MB2377 PHILIPS-MB2377 Datasheet
106Kb / 8P
   Dual octal D-type flip-flop with enable
August 23, 1993
MB2377BB PHILIPS-MB2377BB Datasheet
106Kb / 8P
   Dual octal D-type flip-flop with enable
August 23, 1993
More results

Similar Description - MB2373BB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC563 TI1-CD54AC563_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal transparent Latch, 3-state
logo
NXP Semiconductors
74ABT373A PHILIPS-74ABT373A Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74F373 PHILIPS-74F373 Datasheet
93Kb / 12P
   Octal transparent latch 3-State
1994 Dec 05
logo
Texas Instruments
CD74ACT373M TI1-CD74ACT373M Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
CD54-74AC563 TI-CD54-74AC563 Datasheet
240Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
CD54-74AC373 TI-CD54-74AC373 Datasheet
233Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
logo
NXP Semiconductors
74F573 PHILIPS-74F573 Datasheet
107Kb / 14P
   Octal transparent latch 3-State
1989 Oct 16
logo
Integral Corp.
IN74AC573 INTEGRAL-IN74AC573 Datasheet
218Kb / 5P
   Octal 3-State Noninverting Transparent Latch
logo
KODENSHI_AUK CORP.
KK74HCT373A KODENSHI-KK74HCT373A Datasheet
255Kb / 6P
   Octal 3-State Noninverting Transparent Latch
logo
IK Semicon Co., Ltd
IN74HCT373A IKSEMICON-IN74HCT373A Datasheet
243Kb / 6P
   Octal 3-State Noninverting Transparent Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com