Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50110JC-52 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HSP50110JC-52
Description  Digital Quadrature Tuner
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50110JC-52 Datasheet(HTML) 4 Page - Intersil Corporation

  HSP50110JC-52 Datasheet HTML 1Page - Intersil Corporation HSP50110JC-52 Datasheet HTML 2Page - Intersil Corporation HSP50110JC-52 Datasheet HTML 3Page - Intersil Corporation HSP50110JC-52 Datasheet HTML 4Page - Intersil Corporation HSP50110JC-52 Datasheet HTML 5Page - Intersil Corporation HSP50110JC-52 Datasheet HTML 6Page - Intersil Corporation HSP50110JC-52 Datasheet HTML 7Page - Intersil Corporation HSP50110JC-52 Datasheet HTML 8Page - Intersil Corporation HSP50110JC-52 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
Functional Description
The Digital Quadrature Tuner (DQT) provides many of the
functions needed for digital demodulation including: carrier
LO generation, mixing, low-pass filtering, baseband
sampling, baseband AGC, and IF AGC error detection. A
block diagram of the DQT is provided in Figure 1. The DQT
processes a real or complex input at rates up to 52 MSPS.
The digitized IF is input to the Synthesizer/Mixer where it is
multiplied by a quadrature LO of user programmable
frequency. This operation tunes the channel of interest to DC
where it is extracted by the Low Pass FIR Filtering section.
The filter bandwidth is set through a user programmable
decimation factor. The decimation factor is set by the Re-
Sampler which controls the baseband sampling rate. The
baseband sample rate can be adjusted by an external
symbol tracking loop via a serial interface. Similarly, a serial
interface is provided which allows the frequency of the
Synthesizer/Mixer’s NCO to be controlled by an external
carrier tracking loop. The serial interfaces were designed to
mate with the output of loop filters on the HSP50210 Digital
Costas Loop.
The DQT provides an input level detector and an internal
AGC to help maintain the input and output signal
magnitudes at user specified levels. The input level detector
compares the input signal magnitude to a programmable
level and generates an error signal. The error signal can be
externally averaged to set the gain of an amplifier in front of
the A/D which closes the AGC loop. The output signal level
is maintained by an internal AGC loop closed around the
Low Pass Filtering. The AGC loop gain and gain limits are
programmable.
Input Controller
The input controller sets the input sample rate of the
processing elements. The controller has two operational
modes which include a Gated Input Mode for processing
sample rates slower than CLK, and an Interpolated Input
Mode for increasing the effective time resolution of the
samples. The mode is selected by setting bit 1 of the I/O
Formatting Control Register in Table 9.
In Gated Input Mode, the Input Enable (ENI) controls the
data flow into the input pipeline and the processing of the
internal elements. When this input is sampled “low” by CLK,
the data on IIN0-9 and QIN0-9 is clocked into the processing
pipeline; when ENI is sampled “high”, the data inputs are
disabled. The Input Enable is pipelined to the internal
processing elements so that they are enabled once for each
time ENI is sampled low. This mode minimizes the
COMPLEX
MULTIPLIER
LEVEL
DETECT
F
O
R
M
A
T
LEVEL
DETECT
LOOP
FILTER
RE-SAMPLER
SYNTHESIZER
SHIFT REG
MICROPROCESSOR INTERFACE
COS
SIN
IIN0-9
QIN0-9
HI/LO
PH0-1
COF
SOF
CFLD
COFSYNC
SOFSYNC
WR
RD
C0-7
10
10
CENTER
PHASE
32
8
SAMPLER CENTER
32
AGC THRESHOLD †
THRESHOLD FOR
LOWER LIMIT †
UPPER LIMIT †
LOOP GAIN †
10
10
12
12
11
11
10
10
IOUT0-9
QOUT0-9
DECIMATING
COMPENSATION
FILTER
FILTER
Indicates data downloaded via microprocessor interface
SSTRB
SPH0-4
5
ENI
SYNTHESIZER/MIXER
SHIFT REG
RE-SAMPLER
DIVIDER
LOW PASS FILTERING
AGC
EXTERNAL AGC †
NCO
NCO
FREQUENCY †
FREQUENCY †
OEI
DATARDY
OEQ
CLK
CLK
A0-2
FIGURE 1. FUNCTIONAL BLOCK DIAGRAM OF HSP50110
LOTP
HI/LO OUTPUT SENSE †
INPUT MODE †
INPUT FORMAT †
COF EN †
WORD WIDTH †
SOF EN †
WORD WIDTH †
OFFSET †
HSP50110


Similar Part No. - HSP50110JC-52

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50110JC-52 INTERSIL-HSP50110JC-52 Datasheet
199Kb / 24P
   Digital Quadrature Tuner
HSP50110JC-52 INTERSIL-HSP50110JC-52 Datasheet
219Kb / 25P
   Digital Quadrature Tuner
March 2001
logo
Renesas Technology Corp
HSP50110JC-52 RENESAS-HSP50110JC-52 Datasheet
1Mb / 25P
   Digital Quadrature Tuner
March 2001
More results

Similar Description - HSP50110JC-52

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50110 INTERSIL-HSP50110 Datasheet
199Kb / 24P
   Digital Quadrature Tuner
logo
Renesas Technology Corp
HSP50110 RENESAS-HSP50110 Datasheet
1Mb / 25P
   Digital Quadrature Tuner
March 2001
logo
Intersil Corporation
HSP50110JC-52 INTERSIL-HSP50110JC-52 Datasheet
219Kb / 25P
   Digital Quadrature Tuner
March 2001
logo
Synaptics Incorporated.
CX24109 CONEXANT-CX24109 Datasheet
161Kb / 2P
   Digital Satellite Tuner
logo
NXP Semiconductors
CX24109 NXP-CX24109 Datasheet
259Kb / 40P
   Digital Satellite Tuner
Rev. 01-13 November 2008
logo
Texas Instruments
GC1012A TI-GC1012A Datasheet
186Kb / 30P
[Old version datasheet]   DIGITAL TUNER CHIP
logo
Broadcom Corporation.
BCM3416 BOARDCOM-BCM3416 Datasheet
175Kb / 1P
   ADVANCED DIGITAL CABLE TUNER
logo
Texas Instruments
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
logo
Silicon Laboratories
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
   Worldwide Digital TV Tuner
logo
Texas Instruments
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com