Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV200BT35DRE1 Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM29LV200BT35DRE1
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV200BT35DRE1 Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM29LV200BT35DRE1 Datasheet HTML 2Page - Advanced Micro Devices AM29LV200BT35DRE1 Datasheet HTML 3Page - Advanced Micro Devices AM29LV200BT35DRE1 Datasheet HTML 4Page - Advanced Micro Devices AM29LV200BT35DRE1 Datasheet HTML 5Page - Advanced Micro Devices AM29LV200BT35DRE1 Datasheet HTML 6Page - Advanced Micro Devices AM29LV200BT35DRE1 Datasheet HTML 7Page - Advanced Micro Devices AM29LV200BT35DRE1 Datasheet HTML 8Page - Advanced Micro Devices AM29LV200BT35DRE1 Datasheet HTML 9Page - Advanced Micro Devices AM29LV200BT35DRE1 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Am29LV200B Known Good Die
November 18, 2003
SU PP L E ME NT
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29LV200B
T
-60
DP
C
1
DIE REVISION
This number refers to the specific AMD manufacturing process and
product technology reflected in this document. It is entered in the
revision field of AMD standard product nomenclature.
TEMPERATURE RANGE
C
=
Commercial (0°C to +70°C)
I
=
Industrial (–40
°C to +85°C)
E
=
Extended (–55
°C to +125°C)
PACKAGE TYPE AND
MINIMUM ORDER QUANTITY
DP
=
Waffle Pack, 500 µm thick die
245 die per 5 tray stack
DT
=
Surftape™ (Tape and Reel), 500 µm thick die
2500 per 7-inch reel
DW
=
Gel-Pak® Wafer Tray (sawn wafer on frame)
500 µm thick die
Call AMD sales office for minimum order quantity
DR
=
Surftape™ (Tape and Reel), 280 µm thick die
2500 per 7-inch reel
DF
=
Waffle Pack, 280 µm thick die
245 die per 5 tray stack
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29LV200B Known Good Die
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS Flash Memory
3.0 Volt-only Program and Erase
Valid Combinations
AM29LV200BT-60R
AM29LV200BB-60R
DRC, DRI, DFC, DFI
DPC, DPI, DTC,
DTI, DWC, DWI
AM29LV200BT-70,
AM29LV200BB-70
AM29LV200BT-90,
AM29LV200BB-90
AM29LV200BT-120,
AM29LV200BB-120
AM29LV200BT-70R
AM29LV200BB-70R
DFE, DRE, DPE, DTE


Similar Part No. - AM29LV200BT35DRE1

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV200BT-120EC AMD-AM29LV200BT-120EC Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BT-120EC AMD-AM29LV200BT-120EC Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BT-120ECB AMD-AM29LV200BT-120ECB Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BT-120ED AMD-AM29LV200BT-120ED Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BT-120EE AMD-AM29LV200BT-120EE Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV200BT35DRE1

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV200 AMD-AM29LV200 Datasheet
478Kb / 37P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B_06 Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV001B AMD-AM29LV001B Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV001B AMD-AM29LV001B_06 Datasheet
767Kb / 43P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com