Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM41LV3204MB10IT Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM41LV3204MB10IT
Description  Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM41LV3204MB10IT Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM41LV3204MB10IT Datasheet HTML 5Page - Advanced Micro Devices AM41LV3204MB10IT Datasheet HTML 6Page - Advanced Micro Devices AM41LV3204MB10IT Datasheet HTML 7Page - Advanced Micro Devices AM41LV3204MB10IT Datasheet HTML 8Page - Advanced Micro Devices AM41LV3204MB10IT Datasheet HTML 9Page - Advanced Micro Devices AM41LV3204MB10IT Datasheet HTML 10Page - Advanced Micro Devices AM41LV3204MB10IT Datasheet HTML 11Page - Advanced Micro Devices AM41LV3204MB10IT Datasheet HTML 12Page - Advanced Micro Devices AM41LV3204MB10IT Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
8
Am41LV3204M
June 10, 2003
P R E L I M I NARY
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations
Am41LV32x
4
M
T
10
I
T
TAPE AND REEL
T
=
7 inches
S
=
13 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T=
Top sector
B
=
Bottom sector
PROCESS TECHNOLOGY
M
=
0.23 µm MirrorBit
SRAM DEVICE DENSITY
4=
4 Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am41LV3204M
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29LV320M 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) Flash Memory and
4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
Valid Combinations
Order Number
Package Marking
Am41LV3204MT10I
T
M410000095
Am41LV3204MB10I
M410000096


Similar Part No. - AM41LV3204MB10IT

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM41LV3204MB10IT SPANSION-AM41LV3204MB10IT Datasheet
962Kb / 67P
   Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
More results

Similar Description - AM41LV3204MB10IT

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM41LV3204M SPANSION-AM41LV3204M Datasheet
962Kb / 67P
   Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
AM49LV6408M SPANSION-AM49LV6408M Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit)
AM49LV4608M SPANSION-AM49LV4608M Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
logo
Advanced Micro Devices
AM41DL32X4G AMD-AM41DL32X4G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM42DL32X4G AMD-AM42DL32X4G Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM41DL16X4D AMD-AM41DL16X4D Datasheet
980Kb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM41DL32X8G AMD-AM41DL32X8G Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM42DL16X4D AMD-AM42DL16X4D Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com