Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20020I-HD Datasheet(PDF) 8 Page - SMSC Corporation

Part # COM20020I-HD
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020I-HD Datasheet(HTML) 8 Page - SMSC Corporation

Back Button COM20020I-HD Datasheet HTML 4Page - SMSC Corporation COM20020I-HD Datasheet HTML 5Page - SMSC Corporation COM20020I-HD Datasheet HTML 6Page - SMSC Corporation COM20020I-HD Datasheet HTML 7Page - SMSC Corporation COM20020I-HD Datasheet HTML 8Page - SMSC Corporation COM20020I-HD Datasheet HTML 9Page - SMSC Corporation COM20020I-HD Datasheet HTML 10Page - SMSC Corporation COM20020I-HD Datasheet HTML 11Page - SMSC Corporation COM20020I-HD Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
Revision 12-05-06
Page 8
SMSC COM20020I Rev D
DATASHEET
Figure 2.2 - Pin Configuration - COM20020I 48-Pin TQFP
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
AD0
AD1
N/C
AD2
N/C
VSS
D3
VDD
D4
D5
VSS
D6
nCS
VDD
nINTR
N/C
VDD
nRESET
VSS
nTXEN
RXIN
N/C
BUSTMG
nPULSE2
COM20020I
48 PIN TQFP


Similar Part No. - COM20020I-HD

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20020I SMSC-COM20020I Datasheet
480Kb / 65P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I Datasheet
478Kb / 69P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I3V-DZD SMSC-COM20020I3V-DZD Datasheet
480Kb / 65P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I3V-DZD SMSC-COM20020I3V-DZD Datasheet
478Kb / 69P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I3V-HD SMSC-COM20020I3V-HD Datasheet
480Kb / 65P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
More results

Similar Description - COM20020I-HD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
COM20020ILJP MICROCHIP-COM20020ILJP Datasheet
412Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Revision 12-05-06
logo
SMSC Corporation
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I SMSC-COM20019I_07 Datasheet
391Kb / 65P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I_0610 SMSC-COM20019I_0610 Datasheet
490Kb / 70P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
   Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019 SMSC-COM20019 Datasheet
454Kb / 81P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20019I SMSC-COM20019I_06 Datasheet
392Kb / 65P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20022I-3.3V SMSC-COM20022I-3.3V Datasheet
474Kb / 73P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
COM200221 SMSC-COM200221 Datasheet
514Kb / 82P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com