Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT244CMTC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ABT244CMTC
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT244CMTC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ABT244CMTC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT244CMTC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT244CMTC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT244CMTC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT244CMTC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT244CMTC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT244CMTC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT244CMTC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT244CMTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT244 Rev. 1.4
5
DC Electrical Characteristics
SOIC package.
Notes:
5. Max number of outputs defined as (n). n – 1 data inputs are driven 0V to 3V. One output at LOW. Guaranteed, but
not tested.
6. Max number of data inputs (n) switching. n – 1 inputs switching 0V to 3V. Input-under-test switching: 3V to threshold
(VILD), 0V to threshold (VIHD). Guaranteed, but not tested.
7. Max number of outputs defined as (n). n – 1 data inputs are driven 0V to 3V. One output HIGH. Guaranteed, but not
tested.
AC Electrical Characteristics
SOIC and SSOP package.
Symbol
Parameter
VCC
Conditions
CL = 50pF,
RL = 500Ω
Min.
Typ.
Max. Units
VOLP
Quiet Output Maximum Dynamic VOL
5.0
TA = 25°C
(5)
0.5
0.8
V
VOLV
Quiet Output Minimum Dynamic VOL
5.0
TA = 25°C
(5)
–1.3
–0.8
V
VOHV
Minimum HIGH Level Dynamic Output
Voltage
5.0
TA = 25°C
(7)
2.7
3.1
V
VIHD
Minimum HIGH Level Dynamic Input
Voltage
5.0
TA = 25°C
(6)
2.0
1.5
V
VILD
Maximum LOW Level Dynamic Input
Voltage
5.0
TA = 25°C
(6)
1.1
0.8
V
Symbol
Parameter
TA = +25°C,
VCC = +5V,
CL = 50pF
TA = –55°C to +125°C,
VCC = 4.5V–5.5V,
CL = 50pF
TA = –40°C to +85°C,
VCC = 4.5V–5.5V,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
Propagation Delay
Data to Outputs
1.0
2.5
3.6
1.0
5.3
1.0
3.6
ns
tPHL
1.0
2.3
3.6
1.0
5.0
1.0
3.6
tPZH
Output Enable Time
1.5
3.5
6.0
0.8
6.5
1.5
6.0
ns
tPZL
1.5
3.6
6.0
1.2
7.9
1.5
6.0
tPHZ
Output Disable Time
1.7
3.5
5.6
1.2
7.6
1.7
5.6
ns
tPLZ
1.7
3.3
5.6
1.0
7.9
1.7
5.6


Similar Part No. - 74ABT244CMTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT244CMTC FAIRCHILD-74ABT244CMTC Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244CMTCX FAIRCHILD-74ABT244CMTCX Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244CMTCX_NL FAIRCHILD-74ABT244CMTCX_NL Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ABT244CMTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com