Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT573CSC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ABT573CSC
Description  Octal D-Type Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT573CSC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ABT573CSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT573 Rev. 1.4
5
DC Electrical Characteristics
SOIC package.
Notes:
5. Max number of outputs defined as (n). n – 1 data inputs are driven 0V to 3V. One output at LOW. Guaranteed, but
not tested.
6. Max number of outputs defined as (n). n – 1 data inputs are driven 0V to 3V. One output HIGH. Guaranteed, but not
tested.
7. Max number of data inputs (n) switching. n – 1 inputs switching 0V to 3V. Input-under-test switching: 3V to threshold
(VILD), 0V to threshold (VIHD). Guaranteed, but not tested.
AC Electrical Characteristics
SOIC and SSOP package.
Symbol
Parameter
VCC
Conditions
CL = 50pF,
RL = 500Ω
Min.
Typ.
Max.
Units
VOLP
Quiet Output Maximum Dynamic
VOL
5.0
TA = 25°C
(5)
0.7
1.0
V
VOLV
Quiet Output Minimum Dynamic VOL
5.0
TA = 25°C
(5)
–1.5
–1.2
V
VOHV
Minimum HIGH Level Dynamic
Output Voltage
5.0
TA = 25°C
(6)
2.5
3.0
V
VIHD
Minimum HIGH Level Dynamic Input
Voltage
5.0
TA = 25°C
(7)
2.2
1.8
V
VILD
Maximum LOW Level Dynamic
Input Voltage
5.0
TA = 25°C
(7)
1.0
0.7
V
Symbol
Parameter
TA = +25°C,
VCC = +5.0V,
CL = 50pF
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay, Dn to On
1.9
2.7
4.5
1.9
4.5
ns
tPHL
1.9
2.8
4.5
1.9
4.5
tPLH
Propagation Delay, LE to On
2.0
3.1
5.0
2.0
5.0
ns
tPHL
2.0
3.0
5.0
2.0
5.0
tPZH
Output Enable Time
1.5
3.1
5.3
1.5
5.3
ns
tPZL
1.5
3.1
5.3
1.5
5.3
tPHZ
Output Disable Time
2.0
3.6
5.4
2.0
5.4
ns
tPLZ
2.0
3.4
5.4
2.0
5.4


Similar Part No. - 74ABT573CSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT573CSC FAIRCHILD-74ABT573CSC Datasheet
131Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
74ABT573CSCX_NL FAIRCHILD-74ABT573CSCX_NL Datasheet
131Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
More results

Similar Description - 74ABT573CSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com