Electronic Components Datasheet Search |
|
HIP6006CV-T Datasheet(PDF) 6 Page - Intersil Corporation |
|
HIP6006CV-T Datasheet(HTML) 6 Page - Intersil Corporation |
6 / 12 page 6 complete its cycle. Figure 4 shows this operation with an overload condition. Note that the inductor current increases to over 15A during the CSS charging interval and causes an over-current trip. The converter dissipates very little power with this method. The measured input power for the conditions of Figure 4 is 2.5W. The over-current function will trip at a peak inductor current (IPEAK) determined by: where IOCSET is the internal OCSET current source (200µA - typical). The OC trip point varies mainly due to the MOSFETs rDS(ON) variations. To avoid over-current tripping in the normal operating load range, find the ROCSET resistor from the equation above with: 1. The maximum rDS(ON) at the highest junction temperature. 2. The minimum IOCSET from the specification table. 3. Determine , where ∆I is the output inductor ripple current. For an equation for the ripple current see the section under component guidelines titled ‘Output Inductor Selection’. A small ceramic capacitor should be placed in parallel with ROCSET to smooth the voltage across ROCSET in the presence of switching noise on the input voltage. Application Guidelines Layout Considerations As in any high frequency switching converter, layout is very important. Switching current from one power device to another can generate voltage transients across the impedances of the interconnecting bond wires and circuit traces. These interconnecting impedances should be minimized by using wide, short printed circuit traces. The critical components should be located as close together as possible using ground plane construction or single point grounding. Figure 5 shows the critical power components of the converter. To minimize the voltage overshoot the interconnecting wires indicated by heavy lines should be part of ground or power plane in a printed circuit board. The components shown in Figure 6 should be located as close together as possible. Please note that the capacitors CIN and CO each represent numerous physical capacitors. Locate the HIP6006 within 3 inches of the MOSFETs, Q1 and Q2. The circuit traces for the MOSFETs’ gate and source connections from the HIP6006 must be sized to handle up to 1A peak current. Figure 6 shows the circuit traces that require additional layout consideration. Use single point and ground plane construction for the circuits shown. Minimize any leakage current paths on the SS PIN and locate the capacitor, Css close to the SS pin because the internal current source is only 10 µA. Provide local VCC decoupling between VCC and GND pins. Locate the capacitor, CBOOT as close as practical to the BOOT and PHASE pins. Feedback Compensation Figure 7 highlights the voltage-mode control loop for a synchronous-rectified buck converter. The output voltage (Vout) is regulated to the Reference voltage level. The error amplifier (Error Amp) output (VE/A) is compared with the oscillator (OSC) triangular wave to provide a pulse-width modulated (PWM) wave with an amplitude of VIN at the PHASE node. The PWM wave is smoothed by the output filter (LO and CO). The modulator transfer function is the small-signal transfer function of Vout/VE/A. This function is dominated by a DC Gain and the output filter (LO and CO), with a double pole break frequency at FLC and a zero at FESR. The DC Gain of the modulator is simply the input voltage (VIN) divided by the peak-to-peak oscillator voltage ∆VOSC. IPEAK IOCSET ROCSET • rDS ON () --------------------------------------------------- = IPEAK for IPEAK IOUT MAX () ∆I () 2 ⁄ + > PGND LO CO LGATE UGATE PHASE Q1 Q2 D2 FIGURE 5. PRINTED CIRCUIT BOARD POWER AND GROUND PLANES OR ISLANDS VIN VOUT RETURN HIP6006 CIN FIGURE 6. PRINTED CIRCUIT BOARD SMALL SIGNAL LAYOUT GUIDELINES +12V HIP6006 SS GND VCC BOOT D1 LO CO VOUT Q1 Q2 PHASE +VIN CBOOT CVCC CSS HIP6006 |
Similar Part No. - HIP6006CV-T |
|
Similar Description - HIP6006CV-T |