Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ374 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACTQ374
Description  Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ374 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ374 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ374 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ374 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ374 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ374 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ374 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ374 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ374 Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ374 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
tm
April 2007
©1989 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ374, 74ACTQ374 Rev. 1.3
74ACQ374, 74ACTQ374
Quiet Series™ Octal D-Type Flip-Flop with 3-STATE
Outputs
Features
ICC and IOZ reduced by 50%
Guaranteed simultaneous switching noise level and
dynamic threshold performance
Guaranteed pin-to-pin skew AC performance
Improved latch-up immunity
Buffered positive edge-triggered clock
3-STATE outputs drive bus lines or buffer memory
address registers
Outputs source/sink 24mA
Faster prop delays than the standard AC/ACT374
General Description
The ACQ/ACTQ374 is a high-speed, low-power octal
D-type flip-flop featuring separate D-type inputs for each
flip-flop and 3-STATE outputs for bus-oriented applica-
tions. A buffered Clock (CP) and Output Enable (OE) are
common to all flip-flops.
The ACQ/ACTQ374 utilizes FACT Quiet Series™ tech-
nology to guarantee quiet output switching and improve
dynamic threshold performance. FACT Quiet Series fea-
tures GTO™ output control and undershoot corrector in
addition to a split ground bus for superior performance.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Connection Diagram
Pin Description
Order Number
Package
Number
Package Description
74ACQ374SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide
Body
74ACQ374SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ374SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide
Body
74ACTQ374SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ374QSC
MQA20
20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150” Wide
Pin Names
Description
D0–D7
Data Inputs
CP
Clock Pulse Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Outputs
FACT™, Quiet Series™, FACT Quiet Series™, and GTO™ are trademarks of Fairchild Semiconductor Corporation.


Similar Part No. - 74ACTQ374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ374 FAIRCHILD-74ACTQ374 Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACTQ374PC FAIRCHILD-74ACTQ374PC Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACTQ374PCX FAIRCHILD-74ACTQ374PCX Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACTQ374QSC FAIRCHILD-74ACTQ374QSC Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACTQ374QSCX FAIRCHILD-74ACTQ374QSCX Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74ACTQ374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ374 FAIRCHILD-74ACQ374 Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574_07 Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574 Datasheet
98Kb / 10P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
54ACQ374 NSC-54ACQ374 Datasheet
173Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
54ACTQ574 NSC-54ACTQ574 Datasheet
189Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com