Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACQT373QSC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74ACQT373QSC
Description  Quiet Series??Octal Transparent Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQT373QSC Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ACQT373QSC Datasheet HTML 2Page - Fairchild Semiconductor 74ACQT373QSC Datasheet HTML 3Page - Fairchild Semiconductor 74ACQT373QSC Datasheet HTML 4Page - Fairchild Semiconductor 74ACQT373QSC Datasheet HTML 5Page - Fairchild Semiconductor 74ACQT373QSC Datasheet HTML 6Page - Fairchild Semiconductor 74ACQT373QSC Datasheet HTML 7Page - Fairchild Semiconductor 74ACQT373QSC Datasheet HTML 8Page - Fairchild Semiconductor 74ACQT373QSC Datasheet HTML 9Page - Fairchild Semiconductor 74ACQT373QSC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©1989 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ373, 74ACTQ373 Rev. 1.3
6
DC Electrical Characteristics for ACTQ
Notes:
6. All outputs loaded; thresholds on input associated with output under test.
7. Maximum test duration 2.0ms, one output loaded at a time.
8. Max number of outputs defined as (n). Data inputs are driven 0V to 3V. One output @ GND.
9. Max number of data inputs (n) switching. (n–1) inputs switching 0V to 3V (ACTQ). Input-under-test switching:
3V to threshold (VILD), 0V to threshold (VIHD), f = 1 MHz.
Symbol
Parameter
VCC (V)
Conditions
TA = +25°C TA = –40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH Level
Input Voltage
4.5
VOUT = 0.1V or
VCC – 0.1V
1.5
2.0
2.0
V
5.5
1.5
2.0
2.0
VIL
Maximum LOW Level
Input Voltage
4.5
VOUT = 0.1V or
VCC – 0.1V
1.5
0.8
0.8
V
5.5
1.5
0.8
0.8
VOH
Minimum HIGH Level
Output Voltage
4.5
IOUT = –50µA
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
VIN = VIL or VIH:
4.5
IOH = –24mA
3.86
3.76
5.5
IOH = –24mA
(6)
4.86
4.76
VOL
Maximum LOW Level
Output Voltage
4.5
IOUT = 50µA
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
VIN = VIL or VIH:
4.5
IOL = 24 mA
0.36
0.44
5.5
IOL = 24 mA
(6)
0.36
0.44
IIN
(3)
Maximum Input Leakage
Current
5.5
VI = VCC, GND
±0.1
±1.0
µA
IOZ
Maximum 3-STATE
Leakage Current
5.5
VI = VIL, VIH,
VO = VCC, GND
±0.25
±2.5
µA
ICCT
Maximum ICC/Input
5.5
VI = VCC – 2.1V
0.6
1.5
mA
IOLD
Minimum Dynamic Output
Current(7)
5.5
VOLD = 1.65V Max.
75
mA
IOHD
5.5
VOHD = 3.85V Min.
–75
mA
ICC
(3)
Maximum Quiescent
Supply Current
5.5
VIN = VCC, or GND
4.0
40.0
µA
VOLP
Quiet Output Maximum
Dynamic VOL
5.0
Figures 1 & 2(8)
1.1
1.5
V
VOLV
Quiet Output Minimum
Dynamic VOL
5.0
–0.6
–1.2
V
Figures 1 & 2(8)
VIHD
Minimum HIGH Level
Dynamic Input Voltage
5.0
1.9
2.2
V
(9)
VILD
Maximum LOW Level
Dynamic Input Voltage
5.0
1.2
0.8
V
(9)


Similar Part No. - 74ACQT373QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ240 FAIRCHILD-74ACQ240 Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240 FAIRCHILD-74ACQ240 Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240PC FAIRCHILD-74ACQ240PC Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240PCX FAIRCHILD-74ACQ240PCX Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240SC FAIRCHILD-74ACQ240SC Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ACQT373QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ373 FAIRCHILD-74ACQ373 Datasheet
96Kb / 10P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
74ACTQ533 FAIRCHILD-74ACTQ533 Datasheet
93Kb / 8P
   Quiet Series Octal Transparent Latch with 3-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573 Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACQ573 FAIRCHILD-74ACQ573_07 Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACTQ563 FAIRCHILD-74ACTQ563 Datasheet
58Kb / 7P
   Quiet Series??Octal Latch with 3-STATE Outputs
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com