Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP9011 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP9011
Description  Engine Knock Signal Processor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9011 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP9011 Datasheet HTML 2Page - Intersil Corporation HIP9011 Datasheet HTML 3Page - Intersil Corporation HIP9011 Datasheet HTML 4Page - Intersil Corporation HIP9011 Datasheet HTML 5Page - Intersil Corporation HIP9011 Datasheet HTML 6Page - Intersil Corporation HIP9011 Datasheet HTML 7Page - Intersil Corporation HIP9011 Datasheet HTML 8Page - Intersil Corporation HIP9011 Datasheet HTML 9Page - Intersil Corporation HIP9011 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN4367.2
January 6, 2006
Description of the HIP9011 Operation
This IC is designed to be a universal digitally controlled, analog
interface between engine acoustical sensors or accelerometers
and internal combustion engine fuel management systems.
Two wideband input amplifiers are provided which will allow the
use of two sensors. These sensors be of the piezoelectric type,
that can be mounted in optimum locations on either in-line or V
type engine configurations.
Output from these input amplifiers are directed to a channel
select mux switch and then into a 3rd order antialiasing filter.
The output signal is then directed to two programmable gain
stages, where one stage inverts or shifts the knock signal 180
degrees. The gain stage signals are outputted to two
programmable bandpass filter stages. Outputs from the two
BPF stages are then full wave rectified before being digitally
integrated by the programmable integrator. The integrator
output is applied to a line driver for further processing by the
engine fuel management control system. The gain, bandpass
filter and integrator stage settings are programmable from a
microprocessor via the SPI Bus Interface
Broadband piezoelectric ceramic transducers used for the
engine signal pickup have device capacitances in the order
of 1100pF and output voltages that range from 5mV to 8V
RMS. During normal engine operation, a single input
channel is selected and applied to the HIP9011. The engine
background noise is typically well below in amplitude than
the pre-detonation noise. Therefore, the bandpass filter
stages can be optimized to further discriminate between
engine background and combustion noise and pre-
detonation noise.
A basic approach to engine pre-detonation systems is to
only observe engine background during the time interval
that noise is expected and if detected, retard timing. This
basic approach does not require the sensitivity and
selectivity that is needed for a continuously adjustable
solution. Enhanced fuel economy and performance is
obtainable when this IC is coupled with a microprocessor
controlled fuel management system.
EXAMPLE CASE USING IDEAL SYSTEM EQUATION
Where:
VIN = 200mVP-P, Continuous AC Signal
GIN = 1.0, Ratio of RF to RIN
GPR = 0.190
GBPF = 2.0 Ideal Gain Value
tC = 200µs
tINT =2ms
GDSE = 2.0 Ideal Gain Value
VRESET = 0.125V, Typical Value
INTOUT (Volts) =
200x10-3*1* [2 * 0.19 * 0.318 * 2x10-3/200x10-6*
2]+0.125
= 0.4833 + 0.125
= 0.608V
INTOUT (Volts) =
V
IN
G
IN
G
BPR
G
PR
1
π
---
t
int
t
c
--------
×
×
×



G
DSE
×
V
RESET
+
×
×
When the Input Signal is Present for the Period tINT:
FIGURE 3. SIMPLIFIED BLOCK DIAGRAM OF THE HIP9011 IN AN AUTOMOTIVE APPLICATION
VDD
GND
VMID
INTOUT
SO
SI
CH1IN
CH1FB
CH0FB
CH0IN
0.022
µF
MICROPROCESSOR
+5V
A/D
CONVERTER
OSCIN
OSCOUT
4MHz
TRANSDUCERS
HIP9011
TEST
INT/HOLD
CS
SCK
SPI BUS
CH0NI
CH1NI
20pF
20pF
1M
Rin
RF
RF
Rin
+5V
HIP9011


Similar Part No. - HIP9011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP9011 INTERSIL-HIP9011 Datasheet
76Kb / 11P
   Engine Knock Signal Processor
HIP9011 INTERSIL-HIP9011 Datasheet
251Kb / 11P
   Engine Knock Signal Processor
January 6, 2006
logo
Renesas Technology Corp
HIP9011 RENESAS-HIP9011 Datasheet
537Kb / 11P
   Engine Knock Signal Processor
logo
Intersil Corporation
HIP9011AB INTERSIL-HIP9011AB Datasheet
76Kb / 11P
   Engine Knock Signal Processor
HIP9011AB INTERSIL-HIP9011AB Datasheet
251Kb / 11P
   Engine Knock Signal Processor
More results

Similar Description - HIP9011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP9011ABT INTERSIL-HIP9011ABT Datasheet
251Kb / 11P
   Engine Knock Signal Processor
logo
Renesas Technology Corp
HIP9011 RENESAS-HIP9011 Datasheet
537Kb / 11P
   Engine Knock Signal Processor
logo
Intersil Corporation
HIP9011 INTERSIL-HIP9011 Datasheet
76Kb / 11P
   Engine Knock Signal Processor
HIP9011ABZT INTERSIL-HIP9011ABZT Datasheet
251Kb / 11P
   Engine Knock Signal Processor
January 6, 2006
HIP9010 INTERSIL-HIP9010 Datasheet
81Kb / 12P
   Engine Knock Signal Processor
logo
BOSER Technology Co., L...
HS-2607 BOSER-HS-2607_1 Datasheet
5Mb / 72P
   Eden processor Embedded Engine Board
logo
Texas Instruments
TMS320C6412 TI-TMS320C6412 Datasheet
1Mb / 159P
[Old version datasheet]   Signal Processor
logo
BOSER Technology Co., L...
HS-2608 BOSER-HS-2608_2 Datasheet
3Mb / 84P
   ULV Intel짰 Celeron짰 Processor Embedded Engine Board
HS-2606 BOSER-HS-2606_2 Datasheet
5Mb / 78P
   ULV Intel짰 Celeron짰 processor Embedded Engine Board
logo
Texas Instruments
MSP50C614 TI-MSP50C614 Datasheet
122Kb / 9P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com