Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACQ573MTCX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ACQ573MTCX
Description  Quiet Series??Octal Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ573MTCX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ACQ573MTCX Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ573MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ573MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ573MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ573MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ573MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ573MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ573MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ573MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
©1990 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ573, 74ACTQ573 Rev. 1.5
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +7.0V
IIK
DC Input Diode Current
VI = –0.5V
VI = VCC + 0.5V
–20mA
+20mA
VI
DC Input Voltage
–0.5V to VCC + 0.5V
IOK
DC Output Diode Current
VO = –0.5V
VO = VCC + 0.5V
–20mA
+20mA
VO
DC Output Voltage
–0.5V to VCC + 0.5V
IO
DC Output Source or Sink Current
±50mA
ICC or IGND DC VCC or Ground Current per Output Pin
±50mA
TSTG
Storage Temperature
–65°C to +150°C
DC Latch-Up Source or Sink Current
±300mA
TJ
Junction Temperature
140°C
Symbol
Parameter
Rating
VCC
Supply Voltage
ACQ
ACTQ
2.0V to 6.0V
4.5V to 5.5V
VI
Input Voltage
0V to VCC
VO
Output Voltage
0V to VCC
TA
Operating Temperature
–40°C to +85°C
∆V / ∆t
Minimum Input Edge Rate, ACQ Devices:
VIN from 30% to 70% of VCC, VCC @ 3.0V, 4.5V, 5.5V
125mV/ns
∆V / ∆t
Minimum Input Edge Rate, ACTQ Devices:
VIN from 0.8V to 2.0V, VCC @ 4.5V, 5.5V
125mV/ns


Similar Part No. - 74ACQ573MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ573MTCX FAIRCHILD-74ACQ573MTCX Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
More results

Similar Description - 74ACQ573MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573 Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACTQ563 FAIRCHILD-74ACTQ563 Datasheet
58Kb / 7P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373 Datasheet
96Kb / 10P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
74ACTQ533 FAIRCHILD-74ACTQ533 Datasheet
93Kb / 8P
   Quiet Series Octal Transparent Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373_07 Datasheet
311Kb / 13P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com