Electronic Components Datasheet Search
  English  ā–¼

Delete All
ON OFF


74ALVC38 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74ALVC38
Description  Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 3 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Capacitance
AC Loading and Waveforms (VCC 3.3V r 0.3V to 1.8V r 0.15V)
FIGURE 1. AC Test Circuit
TABLE 1. Values for Figure 1
TABLE 2.
FIGURE 2. Waveform for Open Drain, Inverting and Non-inverting Functions
Symbol
Parameter
T A 40qC to 85qC, RL 500:
Units
CL 50 pF
CL 30 pF
V CC 3.3V r 0.3V
V CC 2.7V
V CC 2.5V r 0.2V
V CC 1.8V r 0.15V
Min
Max
Min
Max
Min
Max
Min
Max
tPHL, tPLH Propagation Delay
1.1
3.3
1.3
4.2
0.8
3.7
1.0
6.7
ns
Bus to Bus
Symbol
Parameter
Conditions
TA 25qC
Units
VCC
Typical
CIN
Input Capacitance
VI 0V or VCC
3.3
6
pF
COUT
Output Capacitance
VI 0V or VCC
3.3
7
pF
CPD
Power Dissipation Capacitance
Outputs Enabled f
10 MHz, CL 50 pF
3.3
20
pF
2.5
20
TEST
SWITCH
tPZL, tPLZ
VL
Symbol
VCC
3.3V
r 0.3V
2.7V
2.5V
r 0.2V
1.8V
r 0.15V
Vmi
1.5V
1.5V
VCC/2
VCC/2
Vmo
1.5V
1.5V
VCC/2
VCC/2
Vx
VOL  0.3V
VOL  0.3V
VOL  0.15V
VOL  0.15V
VL
6V
6V
VCC*2
VCC*2




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LCX38Low Voltage Quad 2-Input NAND Gate Open Drain with 5V Tolerant Inputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC132Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
74ALVC32_05Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
74VCX132_05Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX32Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX00_05Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16827_02Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreInternational Rectifier
74VCX16722_05Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl