Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC38 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ALVC38
Description  Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC38 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ALVC38_05 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC38_05 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC38_05 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC38_05 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC38_05 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500719
www.fairchildsemi.com
December 2001
Revised March 2005
74ALVC38
Low Voltage Quad 2-Input NAND Gate with
Open Drain Outputs and
3.6V Tolerant Inputs and Outputs
General Description
The ALVC38 contains four 2-input NAND gates with open
drain outputs. This product is designed for low voltage
(1.4V to 3.6V) VCC applications with I/O compatibility up to
3.6V.
The ALVC38 is fabricated with advanced CMOS technol-
ogy to achieve high-speed operation while maintaining
CMOS low power dissipation.
Features
s 1.4V to 3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s tPD
3.3 ns max for 3.0V to 3.6V VCC
4.2 ns max for 2.3V to 2.7V VCC
6.7 ns max for 1.65V to 1.95V VCC
s Power-off high impedance inputs and outputs
s Uses patented Quiet Series
¥ noise/EMI reduction
circuitry
s Latchup conforms to JEDEC JED78
s ESD performance:
Human body model
! 2000V
Machine model
! 250V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Quiet Series
¥ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ALVC38M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74ALVC38MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
An, Bn
Inputs
On
Outputs


Similar Part No. - 74ALVC38_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC38M FAIRCHILD-74ALVC38M Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74ALVC38MTC FAIRCHILD-74ALVC38MTC Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
More results

Similar Description - 74ALVC38_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX38 FAIRCHILD-74VCX38 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74ALVC38 FAIRCHILD-74ALVC38 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74VCX38 FAIRCHILD-74VCX38_05 Datasheet
513Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74ALVC00 FAIRCHILD-74ALVC00 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX00FT TOSHIBA-TC74VCX00FT Datasheet
265Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX00 FAIRCHILD-74VCX00_05 Datasheet
514Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
74VCX00 FAIRCHILD-74VCX00 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7SA00F TOSHIBA-TC7SA00F Datasheet
293Kb / 8P
   LOW-VOLTAGE 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC08 FAIRCHILD-74ALVC08 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX08FT TOSHIBA-TC74VCX08FT Datasheet
274Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com