Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F14 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74F14
Description  Hex Inverter Schmitt Trigger
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F14 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F14_05 Datasheet HTML 1Page - Fairchild Semiconductor 74F14_05 Datasheet HTML 2Page - Fairchild Semiconductor 74F14_05 Datasheet HTML 3Page - Fairchild Semiconductor 74F14_05 Datasheet HTML 4Page - Fairchild Semiconductor 74F14_05 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2005 Fairchild Semiconductor Corporation
DS009461
www.fairchildsemi.com
March 1988
Revised November 2005
74F14
Hex Inverter Schmitt Trigger
General Description
The 74F14 contains six logic inverters which accept stan-
dard TTL input signals and provide standard TTL output
levels. They are capable of transforming slowly changing
input signals into sharply defined, jitter-free output signals.
In addition, they have a greater noise margin than conven-
tional inverters.
Each circuit contains a Schmitt trigger followed by a Dar-
lington level shifter and a phase splitter driving a TTL
totem-pole output. The Schmitt trigger uses positive feed
back to effectively speed-up slow input transition, and pro-
vide different input threshold voltages for positive and neg-
ative-going
transitions.
This
hysteresis
between
the
positive-going and negative-going input thresholds (typi-
cally 800 mV) is determined internally by resistor ratios and
is essentially insensitive to temperature and supply voltage
variations.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Unit Loading/Fan Out
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
Order Number
Package Number
Package Description
74F14SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74F14SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F14PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names Description
U.L.
Input IIH/IIL
HIGH/LOW Output IOH/IOL
In
Input
1.0/1.0
20
µA/−0.6 mA
On
Output
50/33.3
−1 mA/20 mA
Input
Output
AO
LH
HL


Similar Part No. - 74F14_05

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F148 PHILIPS-74F148 Datasheet
85Kb / 10P
   8-input priority encoder
1990 Mar 01
logo
Fairchild Semiconductor
74F148 FAIRCHILD-74F148 Datasheet
61Kb / 6P
   8-Line to 3-Line Priority Encoder
74F148PC FAIRCHILD-74F148PC Datasheet
61Kb / 6P
   8-Line to 3-Line Priority Encoder
74F148SC FAIRCHILD-74F148SC Datasheet
61Kb / 6P
   8-Line to 3-Line Priority Encoder
74F148SJ FAIRCHILD-74F148SJ Datasheet
61Kb / 6P
   8-Line to 3-Line Priority Encoder
More results

Similar Description - 74F14_05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
   HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com