Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F132SJ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F132SJ
Description  Quad 2-Input NAND Schmitt Trigger
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F132SJ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F132SJ Datasheet HTML 1Page - Fairchild Semiconductor 74F132SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F132SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F132SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F132SJ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
AC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VT+
Positive-going Threshold
1.5
2.0
V
5.0
VT−
Negative-going Threshold
0.7
1.1
V
5.0
∆V
T
Hysteresis (VT
+ − V
T
)0.4
V
5.0
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.5
V
Min
IOH = −1 mA
Voltage
5% VCC
2.7
IOH = −1 mA
VOL
Output LOW Voltage
10% VCC
0.5
V
Min
IOL = 20 mA
IIH
Input HIGH Current
5.0
µAMax
VIN = 2.7V
IBVI
Input HIGH Current Breakdown Test
7.0
µAMax
VIN = 7.0V
ICEX
Output HIGH Leakage Current
50
µAMax
VOUT = VCC
VID
Input Leakage Test
4.75
V
0.0
IID = 1.9 µA
All Other Pins Grounded
IOD
Output Leakage Circuit Current
3.75
µA0.0
VIOD = 150 mV
All Other Pins Grounded
IIL
Input LOW Current
−0.6
mA
Max
VIN = 0.5V
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
ICCH
Power Supply Current
17.0
mA
Max
VO = HIGH
ICCL
Power Supply Current
18.0
mA
Max
VO = LOW
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
4.0
10.5
3.5
12.0
ns
tPHL
An, Bn to On
5.0
12.5
5.0
13.0


Similar Part No. - 74F132SJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F132SJ NSC-74F132SJ Datasheet
109Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
logo
Fairchild Semiconductor
74F132SJ FAIRCHILD-74F132SJ Datasheet
49Kb / 4P
   Quad 2-Input NAND Schmitt Trigger
74F132SJ FAIRCHILD-74F132SJ Datasheet
178Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
logo
Texas Instruments
74F132SJ TI1-74F132SJ Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
More results

Similar Description - 74F132SJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com