Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F132PC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74F132PC
Description  Quad 2-Input NAND Schmitt Trigger
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F132PC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F132PC Datasheet HTML 1Page - Fairchild Semiconductor 74F132PC Datasheet HTML 2Page - Fairchild Semiconductor 74F132PC Datasheet HTML 3Page - Fairchild Semiconductor 74F132PC Datasheet HTML 4Page - Fairchild Semiconductor 74F132PC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2000 Fairchild Semiconductor Corporation
DS009477
www.fairchildsemi.com
April 1988
Revised September 2000
74F132
Quad 2-Input NAND Schmitt Trigger
General Description
The F132 contains four 2-input NAND gates which accept
standard TTL input signals and provide standard TTL out-
put levels. They are capable of transforming slowly chang-
ing input signals into sharply defined, jitter-free output
signals. In addition, they have a greater noise margin than
conventional NAND gates.
Each circuit contains a 2-input Schmitt Trigger followed by
level shifting circuitry and a standard FAST
 output struc-
ture. The Schmitt Trigger uses positive feedback to effec-
tively speed-up slow input transitions, and provide different
input threshold voltages for positive and negative-going
transitions. This hysteresis between the positive-going and
negative-going input threshold (typically 800 mV) is deter-
mined by resistor ratios and is essentially insensitive to
temperature and supply voltage variations.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Unit Loading/Fan Out
Connection Diagram
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
FAST
 is a registered trademark of Fairchild Semiconductor Corporation
Order Number
Package Number
Package Description
74F132SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow
74F132SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F132PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names Description
U.L.
Input IIH/IIL
HIGH/LOW Output IOH/IOL
An, Bn
Inputs
1.0/1.0
20
µA/−0.6 mA
On
Outputs
50/33.3
−1 mA/20 mA
Inputs
Outputs
AB
O
LL
H
LH
H
HL
H
HH
L


Similar Part No. - 74F132PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F132PC NSC-74F132PC Datasheet
109Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
logo
Fairchild Semiconductor
74F132PC FAIRCHILD-74F132PC Datasheet
49Kb / 4P
   Quad 2-Input NAND Schmitt Trigger
logo
Texas Instruments
74F132PC TI1-74F132PC Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
More results

Similar Description - 74F132PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com