Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F191SJ Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74F191SJ
Description  Up/Down Binary Counter with Preset and Ripple Clock
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F191SJ Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74F191SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F191SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F191SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F191SJ Datasheet HTML 5Page - Fairchild Semiconductor 74F191SJ Datasheet HTML 6Page - Fairchild Semiconductor 74F191SJ Datasheet HTML 7Page - Fairchild Semiconductor 74F191SJ Datasheet HTML 8Page - Fairchild Semiconductor 74F191SJ Datasheet HTML 9Page - Fairchild Semiconductor 74F191SJ Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74F191 Rev. 1.0.2
6
DC Electrical Characteristics
Symbol
Parameter
VCC
Conditions
Min.
Typ.
Max. Units
VIH
Input HIGH Voltage
Recognized as a HIGH Signal
2.0
V
VIL
Input LOW Voltage
Recognized as a LOW Signal
0.8
V
VCD
Input Clamp Diode Voltage
Min.
IIN = –18mA
–1.2
V
VOH
Output HIGH
Voltage
10% VCC
Min.
IOH = –1mA
2.5
V
5% VCC
2.7
VOL
Output LOW
Voltage
10% VCC
Min.
IOL = 20mA
0.5
V
IIH
Input HIGH Current
Max.
VIN = 2.7V
5.0
µA
IBVI
Input HIGH Current
Breakdown Test
Max.
VIN = 7.0V
7.0
µA
ICEX
Output HIGH Leakage
Current
Max.
VOUT = VCC
50
µA
VID
Input Leakage Test
0.0
IID = 1.9µA, All Other Pins
Grounded
4.75
V
IOD
Output Leakage Circuit
Current
0.0
VIOD = 150mV, All Other Pins
Grounded
3.75
µA
IIL
Input LOW Current
Max.
VIN = 0.5V (except CE)
–0.6
mA
VIN = 0.5V (CE)
–1.8
IOS
Output Short-Circuit
Current
Max.
VOUT = 0.0V
–60
–150
mA
ICC
Power Supply Voltage
Max.
38
55
mA


Similar Part No. - 74F191SJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F191SJ NSC-74F191SJ Datasheet
196Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F191SJ FAIRCHILD-74F191SJ Datasheet
77Kb / 7P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
National Semiconductor ...
74F191SJCQB NSC-74F191SJCQB Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
74F191SJCX NSC-74F191SJCX Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
74F191SJMQB NSC-74F191SJMQB Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
More results

Similar Description - 74F191SJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F191DM NSC-54F191DM Datasheet
196Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
54F191 NSC-54F191 Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F191 FAIRCHILD-74F191 Datasheet
77Kb / 7P
   Up/Down Binary Counter with Preset and Ripple Clock
74AC191 FAIRCHILD-74AC191 Datasheet
115Kb / 10P
   Up/Down Counter with Preset and Ripple Clock
logo
Motorola, Inc
MC74AC190 MOTOROLA-MC74AC190 Datasheet
214Kb / 8P
   Up/Down Counter with Preset and Ripple Clock
logo
National Semiconductor ...
54AC191 NSC-54AC191 Datasheet
208Kb / 10P
   Up/Down Counter with Preset and Ripple Clock
54F190DM NSC-54F190DM Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F190 FAIRCHILD-74F190 Datasheet
65Kb / 7P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
NXP Semiconductors
74F191 PHILIPS-74F191 Datasheet
104Kb / 14P
   Up/down binary counter with reset and ripple clock
1995 Jul 17
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com