Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F191PC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74F191PC
Description  Up/Down Binary Counter with Preset and Ripple Clock
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F191PC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F191PC Datasheet HTML 1Page - Fairchild Semiconductor 74F191PC Datasheet HTML 2Page - Fairchild Semiconductor 74F191PC Datasheet HTML 3Page - Fairchild Semiconductor 74F191PC Datasheet HTML 4Page - Fairchild Semiconductor 74F191PC Datasheet HTML 5Page - Fairchild Semiconductor 74F191PC Datasheet HTML 6Page - Fairchild Semiconductor 74F191PC Datasheet HTML 7Page - Fairchild Semiconductor 74F191PC Datasheet HTML 8Page - Fairchild Semiconductor 74F191PC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
tm
April 2007
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74F191 Rev. 1.0.2
74F191
Up/Down Binary Counter with Preset and Ripple Clock
Features
High-Speed—125MHz typical count frequency
Synchronous counting
Asynchronous parallel load
Cascadable
General Description
The 74F191 is a reversible modulo-16 binary counter
featuring synchronous counting and asynchronous pre-
setting. The preset feature allows the 74F191 to be used
in programmable dividers. The Count Enable input, the
Terminal Count output and Ripple Clock output make
possible a variety of methods of implementing multistage
counters. In the counting modes, state changes are initi-
ated by the rising edge of the clock.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Logic Symbols
Connection Diagram
Order
Number
Package
Number
Package Description
74F191SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74F191SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F191PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
IEEE/IEC


Similar Part No. - 74F191PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F191PC NSC-74F191PC Datasheet
196Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F191PC FAIRCHILD-74F191PC Datasheet
77Kb / 7P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
National Semiconductor ...
74F191PCQB NSC-74F191PCQB Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
74F191PCX NSC-74F191PCX Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
More results

Similar Description - 74F191PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F191DM NSC-54F191DM Datasheet
196Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
54F191 NSC-54F191 Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F191 FAIRCHILD-74F191 Datasheet
77Kb / 7P
   Up/Down Binary Counter with Preset and Ripple Clock
74AC191 FAIRCHILD-74AC191 Datasheet
115Kb / 10P
   Up/Down Counter with Preset and Ripple Clock
logo
Motorola, Inc
MC74AC190 MOTOROLA-MC74AC190 Datasheet
214Kb / 8P
   Up/Down Counter with Preset and Ripple Clock
logo
National Semiconductor ...
54AC191 NSC-54AC191 Datasheet
208Kb / 10P
   Up/Down Counter with Preset and Ripple Clock
54F190DM NSC-54F190DM Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F190 FAIRCHILD-74F190 Datasheet
65Kb / 7P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
NXP Semiconductors
74F191 PHILIPS-74F191 Datasheet
104Kb / 14P
   Up/down binary counter with reset and ripple clock
1995 Jul 17
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com