Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F269 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74F269
Description  8-Bit Bidirectional Binary Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F269 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74F269_07 Datasheet HTML 1Page - Fairchild Semiconductor 74F269_07 Datasheet HTML 2Page - Fairchild Semiconductor 74F269_07 Datasheet HTML 3Page - Fairchild Semiconductor 74F269_07 Datasheet HTML 4Page - Fairchild Semiconductor 74F269_07 Datasheet HTML 5Page - Fairchild Semiconductor 74F269_07 Datasheet HTML 6Page - Fairchild Semiconductor 74F269_07 Datasheet HTML 7Page - Fairchild Semiconductor 74F269_07 Datasheet HTML 8Page - Fairchild Semiconductor 74F269_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74F269 Rev. 1.0.2
5
DC Electrical Characteristics
Symbol
Parameter
VCC
Conditions
Min.
Typ.
Max. Units
VIH
Input HIGH Voltage
Recognized as a HIGH Signal
2.0
V
VIL
Input LOW Voltage
Recognized as a LOW Signal
0.8
V
VCD
Input Clamp Diode Voltage
Min.
IIN = –18mA
–1.2
V
VOH
Output HIGH
Voltage
10% VCC
Min.
IOH = –1mA
2.5
V
5% VCC
2.7
VOL
Output LOW
Voltage
10% VCC
Min.
IOL = 20mA
0.5
V
IIH
Input HIGH Current
Max.
VIN = 2.7V
5.0
µA
IBVI
Input HIGH Current
Breakdown Test
Max.
VIN = 7.0V
7.0
µA
ICEX
Output HIGH Leakage
Current
Max.
VOUT = VCC
50
µA
VID
Input Leakage Test
0.0
IID = 1.9µA, All Other Pins
Grounded
4.75
V
IOD
Output Leakage Circuit
Current
0.0
VIOD = 150mV, All Other Pins
Grounded
3.75
µA
IIL
Input LOW Current
Max.
VIN = 0.5V
–0.6
mA
IOS
Output Short-Circuit
Current
Max.
VOUT = 0.0V
–60
–150
mA
ICCH
Power Supply Current
Max.
VO = HIGH
104
125
mA
ICCL
Power Supply Current
Max.
VO = LOW
113
135
mA


Similar Part No. - 74F269_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F269SC FAIRCHILD-74F269SC Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269SC FAIRCHILD-74F269SC Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269SPC FAIRCHILD-74F269SPC Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269SPC FAIRCHILD-74F269SPC Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
More results

Similar Description - 74F269_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F269 NXP-74F269 Datasheet
177Kb / 19P
   8-bit bidirectional binary counter
Rev. 05-25 March 2010
74F269 PHILIPS-74F269 Datasheet
118Kb / 14P
   8-bit bidirectional binary counter
1996 Jan 05
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269 Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269 FAIRCHILD-74F269 Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
logo
Motorola, Inc
MC74F269 MOTOROLA-MC74F269 Datasheet
156Kb / 5P
   8-BIT BIDIRECTIONAL BINARY COUNTER
logo
NXP Semiconductors
74F1779 PHILIPS-74F1779 Datasheet
110Kb / 12P
   8-bit bidirectional binary counter -State
1989 Apr 06
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
   8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
logo
NXP Semiconductors
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
   8-bit bidirectional binary counter 3-State
1989 Sep 20
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
logo
National Semiconductor ...
54F579 NSC-54F579 Datasheet
197Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com