Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F675ASC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74F675ASC
Description  16-Bit Serial-In, Serial/Parallel-Out Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F675ASC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74F675ASC Datasheet HTML 1Page - Fairchild Semiconductor 74F675ASC Datasheet HTML 2Page - Fairchild Semiconductor 74F675ASC Datasheet HTML 3Page - Fairchild Semiconductor 74F675ASC Datasheet HTML 4Page - Fairchild Semiconductor 74F675ASC Datasheet HTML 5Page - Fairchild Semiconductor 74F675ASC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
fMAX
Maximum Clock Frequency
100
130
85
MHz
tPLH
Propagation Delay
3.0
8.0
10.5
2.5
12.0
ns
tPHL
STCP to Qn
3.0
10.5
13.5
2.5
15.0
tPLH
Propagation Delay
4.0
7.0
9.5
3.5
10.5
ns
tPHL
SHCP to SO
4.5
8.0
10.5
4.0
12.0
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
3.5
4.0
tS(L)
CS or R/W to STCP
5.5
6.5
ns
tH(H)
Hold Time, HIGH or LOW
0
0
tH(L)
CS or R/W to STCP
0
0
tS(H)
Setup Time, HIGH or LOW
3.0
3.5
tS(L)
SI to SHCP
3.0
3.5
ns
tH(H)
Hold Time, HIGH or LOW
3.0
3.5
tH(L)
SI to SHCP
3.0
3.5
tS(H)
Setup Time, HIGH or LOW
6.5
7.5
tS(L)
R/W to SHCP
9.0
10.0
ns
tH(H)
Hold Time, HIGH or LOW
0
0
tH(L)
R/W to SHCP
00
tS(H)
Setup Time, HIGH or LOW
7.0
8.0
tS(L)
STCP to SHCP
7.0
8.0
ns
tH(H)
Hold Time, HIGH or LOW
0
0
tH(L)
STCP to SHCP
00
tS(H)
Setup Time, HIGH or LOW
3.0
3.5
tS(L)
CS to SHCP
3.0
3.5
ns
tH(H)
Hold Time, HIGH or LOW
3.0
3.5
tH(L)
CS to SHCP
3.0
3.5
tW(H)
SHCP Pulse Width
5.0
6.0
tW(L)
HIGH or LOW
5.0
6.0
ns
tW(H)
STCP Pulse Width
6.0
7.0
tW(L)
HIGH or LOW
5.0
6.0
tS(L)
SHCP to STCP
8.0
9.0
ns
tH(H)
SHCP to STCP
0.0
0.0
ns


Similar Part No. - 74F675ASC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F675ASC FAIRCHILD-74F675ASC Datasheet
63Kb / 6P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
More results

Similar Description - 74F675ASC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F676 FAIRCHILD-74F676_02 Datasheet
68Kb / 6P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
74F675A FAIRCHILD-74F675A Datasheet
63Kb / 6P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
logo
National Semiconductor ...
54F676DM NSC-54F676DM Datasheet
181Kb / 10P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Fairchild Semiconductor
74F673A FAIRCHILD-74F673A Datasheet
65Kb / 7P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F676 FAIRCHILD-74F676 Datasheet
57Kb / 6P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
NXP Semiconductors
74F676 PHILIPS-74F676 Datasheet
87Kb / 10P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Apr 18
74F674 PHILIPS-74F674 Datasheet
49Kb / 5P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Feb 05 1 853
logo
Texas Instruments
54F676 TI1-54F676 Datasheet
431Kb / 12P
[Old version datasheet]   54F676 74F676 16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com