Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F821 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F821
Description  10-Bit D-Type Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F821 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F821 Datasheet HTML 1Page - Fairchild Semiconductor 74F821 Datasheet HTML 2Page - Fairchild Semiconductor 74F821 Datasheet HTML 3Page - Fairchild Semiconductor 74F821 Datasheet HTML 4Page - Fairchild Semiconductor 74F821 Datasheet HTML 5Page - Fairchild Semiconductor 74F821 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The 74F821 consists of ten D-type edge-triggered flip-
flops. This device has 3-STATE true outputs for bus sys-
tems organized in a broadside pinning. The buffered Clock
(CP) and buffered Output Enable (OE) are common to all
flip-flops. The flip-flops will store the state of their individual
D inputs that meet the setup and hold times requirements
on the LOW-to-HIGH CP transition. With the OE LOW the
content of the flip-flops are available at the outputs. When
the OE is HIGH, the outputs go to the high impedance
state. Operation of the OE input does not affect the state of
the flip-flops.
Function Table
L
= LOW Voltage Level
H
= HIGH Voltage Level
X
= Immaterial
Z
= High Impedance
 = LOW-to-HIGH Transition
NC
= No Change
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
D0–D9
Data Inputs
1.0/1.0
20
µA/−0.6 mA
OE
Output Enable
1.0/1.0
20
µA/−0.6 mA
3-STATE Input
CP
Clock Input
1.0/1.0
20
µA/−0.6 mA
O0–O9
3-STATE Outputs
150/40 (33.3)
−3.0 mA/24 mA (20 mA)
Inputs
Internal Output
Function
OE
CP
D
Q
O
H
H
X
NC
Z
Hold
H
L
X
NC
Z
Hold
H

L
H
Z
Load
H

H
L
Z
Load
L

L
H
L
Data Available
L

H
L
H
Data Available
L
H
X
NC
NC
No Change in Data
L
L
X
NC
NC
No Change in Data


Similar Part No. - 74F821

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F821 NSC-74F821 Datasheet
153Kb / 8P
   10-Bit D-Type Flip-Flop
logo
NXP Semiconductors
74F821 PHILIPS-74F821 Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
logo
Fairchild Semiconductor
74F821 FAIRCHILD-74F821 Datasheet
49Kb / 6P
   10-Bit D-Type Flip-Flop
logo
National Semiconductor ...
74F821SC NSC-74F821SC Datasheet
153Kb / 8P
   10-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74F821SC FAIRCHILD-74F821SC Datasheet
49Kb / 6P
   10-Bit D-Type Flip-Flop
More results

Similar Description - 74F821

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F821 FAIRCHILD-74F821 Datasheet
49Kb / 6P
   10-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F821SDM NSC-54F821SDM Datasheet
153Kb / 8P
   10-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74F825 FAIRCHILD-74F825 Datasheet
52Kb / 6P
   8-Bit D-Type Flip-Flop
logo
NXP Semiconductors
74ABT16273 PHILIPS-74ABT16273 Datasheet
85Kb / 10P
   16-bit D-type flip-flop
1998 Feb 27
logo
Fairchild Semiconductor
74F823 FAIRCHILD-74F823_00 Datasheet
62Kb / 6P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F825SDM NSC-54F825SDM Datasheet
161Kb / 8P
   8-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74ACT823 FAIRCHILD-74ACT823 Datasheet
76Kb / 7P
   9-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823 Datasheet
52Kb / 6P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F823SDM NSC-54F823SDM Datasheet
158Kb / 8P
   9-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74ACT825 FAIRCHILD-74ACT825 Datasheet
74Kb / 7P
   8-Bit D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com