Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA64 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPSA64
Description  PNP Darlington transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MPSA64 Datasheet(HTML) 3 Page - NXP Semiconductors

  MPSA64 Datasheet HTML 1Page - NXP Semiconductors MPSA64 Datasheet HTML 2Page - NXP Semiconductors MPSA64 Datasheet HTML 3Page - NXP Semiconductors MPSA64 Datasheet HTML 4Page - NXP Semiconductors MPSA64 Datasheet HTML 5Page - NXP Semiconductors MPSA64 Datasheet HTML 6Page - NXP Semiconductors MPSA64 Datasheet HTML 7Page - NXP Semiconductors MPSA64 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 27
3
Philips Semiconductors
Product specification
PNP Darlington transistor
MPSA64
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
250
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −30 V
−−100
nA
IEBO
emitter cut-off current
IC = 0; VEB = −10 V
−−100
nA
hFE
DC current gain
IC = −10 mA; VCE = −5 V; see Fig.2
10000
IC = −100 mA; VCE = −5 V; see Fig.2
20000
VCEsat
collector-emitter saturation voltage
IC = −100 mA; IB = −0.1 mA
−−1.5
V
VBEsat
base-emitter saturation voltage
IC = −100 mA; IB = −0.1 mA
−−1.5
V
VBEon
base-emitter on-state voltage
IC = −100 mA; VCE = −5V
−−2V
fT
transition frequency
IC = −100 mA; VCE = −5 V; f = 100 MHz 125
MHz
handbook, full pagewidth
0
100000
20000
40000
60000
80000
hFE
MGD836
−1
−10
IC (mA)
−102
−103
Fig.2 DC current gain; typical values.
VCE = −2V.


Similar Part No. - MPSA64

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA64 MOTOROLA-MPSA64 Datasheet
157Kb / 4P
   Darlington Transistor
logo
ON Semiconductor
MPSA64 ONSEMI-MPSA64 Datasheet
157Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
logo
Samsung semiconductor
MPSA64 SAMSUNG-MPSA64 Datasheet
278Kb / 9P
   PNP (DRALINGTON TRANSISTOR)
logo
Fairchild Semiconductor
MPSA64 FAIRCHILD-MPSA64 Datasheet
46Kb / 3P
   PNP Darlington Transistor
logo
KEC(Korea Electronics)
MPSA64 KEC-MPSA64 Datasheet
66Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE DARLINGTON TRANSISTOR)
More results

Similar Description - MPSA64

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCV26 FAIRCHILD-BCV26 Datasheet
36Kb / 4P
   PNP Darlington Transistor
MPSA65 FAIRCHILD-MPSA65 Datasheet
29Kb / 2P
   PNP Darlington Transistor
logo
Samsung semiconductor
MMBTA64 SAMSUNG-MMBTA64 Datasheet
26Kb / 1P
   PNP (DARLINGTON TRANSISTOR)
logo
NXP Semiconductors
BC516 PHILIPS-BC516 Datasheet
44Kb / 8P
   PNP Darlington transistor
1999 Apr 23
BC878 PHILIPS-BC878 Datasheet
50Kb / 8P
   PNP Darlington transistor
1999 May 31
BSR62 PHILIPS-BSR62 Datasheet
47Kb / 8P
   PNP Darlington transistor
1999 Apr 26
PMBTA64 PHILIPS-PMBTA64 Datasheet
43Kb / 8P
   PNP Darlington transistor
1999 Apr 13
logo
Jiangsu Changjiang Elec...
TIP147 JIANGSU-TIP147 Datasheet
957Kb / 3P
   Darlington Transistor (PNP)
logo
Fairchild Semiconductor
BC516_D27Z FAIRCHILD-BC516_D27Z Datasheet
31Kb / 4P
   PNP Darlington Transistor
logo
NXP Semiconductors
BSR62 NXP-BSR62 Datasheet
119Kb / 7P
   PNP Darlington transistor
2004 Nov 11
logo
Nexperia B.V. All right...
PMBTA64 NEXPERIA-PMBTA64 Datasheet
283Kb / 7P
   PNP Darlington transistor
2004 Jan 22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com