Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX540SJ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74LCX540SJ
Description  Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX540SJ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LCX540SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LCX540SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LCX540SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LCX540SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LCX540SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LCX540SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LCX540SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LCX540SJ Datasheet HTML 8Page - Fairchild Semiconductor 74LCX540SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
www.fairchildsemi.com
74LCX540 Rev. 1.0.0
Logic Symbol
IEEE/IEC
Connection Diagrams
Pin Assignments for
SOIC, SOP, SSOP, TSSOP
Pad Assignment for DQFN
(Top View)
Pin Descriptions
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
O0
OE1
OE2
EN
&
I0
O1
I1
O2
I2
O3
I3
O4
I4
O5
I5
O6
I6
O7
I7
I1
I2
I3
I4
I5
I6
I7
GND
I0
O0
O1
O2
O3
O4
O5
O6
O7
OE2
VCC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE1
I1
I2
I3
I4
I5
I6
I7
GND
I0
O0
O1
O2
O3
O4
O5
O6
O7
OE2
VCC
120
2
3
4
5
6
7
8
9
10
11
19
18
17
16
15
14
13
12
OE1
Pin Names
Description
OE1, OE2
3-STATE Output Enable Inputs
I0–I7
Inputs
O0–O7
Outputs
Inputs
Outputs
OE1
OE2
IOn
LL
H
H
HX
X
Z
XHX
Z
LLLL


Similar Part No. - 74LCX540SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX540SJ FAIRCHILD-74LCX540SJ Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540SJ FAIRCHILD-74LCX540SJ Datasheet
750Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX540SJ ONSEMI-74LCX540SJ Datasheet
662Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.7.1
More results

Similar Description - 74LCX540SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541 Datasheet
763Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541_08 Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX241 FAIRCHILD-74LCX241 Datasheet
115Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX240 NSC-74LCX240 Datasheet
122Kb / 6P
   Low-Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX540 FAIRCHILD-74LCX540_07 Datasheet
750Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX540 ONSEMI-74LCX540 Datasheet
662Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.7.1
74LCX541 ONSEMI-74LCX541 Datasheet
693Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.6.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com