Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F016A-70 Datasheet(PDF) 2 Page - SPANSION

Part # MBM29F016A-70
Description  FLASH MEMORY CMOS 16M (2M x 8) BIT
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F016A-70 Datasheet(HTML) 2 Page - SPANSION

  MBM29F016A-70 Datasheet HTML 1Page - SPANSION MBM29F016A-70 Datasheet HTML 2Page - SPANSION MBM29F016A-70 Datasheet HTML 3Page - SPANSION MBM29F016A-70 Datasheet HTML 4Page - SPANSION MBM29F016A-70 Datasheet HTML 5Page - SPANSION MBM29F016A-70 Datasheet HTML 6Page - SPANSION MBM29F016A-70 Datasheet HTML 7Page - SPANSION MBM29F016A-70 Datasheet HTML 8Page - SPANSION MBM29F016A-70 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
DS05-20844-5E
FUJITSU SEMICONDUCTOR
DATA SHEET
FLASH MEMORY
CMOS
16M (2M
× 8) BIT
MBM29F016A-70/-90/-12
s
s
s
s GENERAL DESCRIPTION
The MBM29F016A is a 16 M-bit, 5.0 V-Only Flash memory organized as 2 M bytes of 8 bits each. The 2 M bytes
of data is divided into 32 sectors of 64 K bytes for flexible erase capability. The 8 bit of data will appear on DQ7
to DQ0. The MBM29F016A is offered in a 48-pin TSOP(1) package. This device is designed to be programmed
in-system with the standard system 5.0 V VCC supply. A 12.0 V VPP is not required for program or erase operations.
The device can also be reprogrammed in standard EPROM programmers.
The standard MBM29F016A offers access times between 70 ns and 120 ns allowing operation of high-speed
microprocessors without wait states. To eliminate bus contention the device has separate chip enable (CE), write
enable (WE), and output enable (OE) controls.
(Continued)
s
s
s
s PRODUCT LINE UP
s
s
s
s PACKAGES
Part No.
MBM29F016A
Ordering Part No.
VCC = 5.0 V ±5%
-70
VCC = 5.0 V ±10%
-90
-12
Max Address Access Time (ns)
70
90
120
Max CE Access Time (ns)
70
90
120
Max OE Access Time (ns)
40
40
50
48-pin Plastic TSOP(1)
48-pin Plastic TSOP(1)
(FPT-48P-M19)
(FPT-48P-M20)
Marking Side
Marking Side


Similar Part No. - MBM29F016A-70

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F016A-70 FUJITSU-MBM29F016A-70 Datasheet
458Kb / 43P
   16M (2M X 8) BIT
MBM29F016A-70PFTN FUJITSU-MBM29F016A-70PFTN Datasheet
458Kb / 43P
   16M (2M X 8) BIT
MBM29F016A-70PFTR FUJITSU-MBM29F016A-70PFTR Datasheet
458Kb / 43P
   16M (2M X 8) BIT
More results

Similar Description - MBM29F016A-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Macronix International
MX29F016 MCNIX-MX29F016 Datasheet
868Kb / 37P
   16M-BIT [2M X 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
MBM29DL16XTD-70 SPANSION-MBM29DL16XTD-70 Datasheet
1Mb / 74P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL16XTE70 SPANSION-MBM29DL16XTE70 Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com