Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F400TC-55PFTR Datasheet(PDF) 11 Page - SPANSION

Part # MBM29F400TC-55PFTR
Description  FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F400TC-55PFTR Datasheet(HTML) 11 Page - SPANSION

Back Button MBM29F400TC-55PFTR Datasheet HTML 7Page - SPANSION MBM29F400TC-55PFTR Datasheet HTML 8Page - SPANSION MBM29F400TC-55PFTR Datasheet HTML 9Page - SPANSION MBM29F400TC-55PFTR Datasheet HTML 10Page - SPANSION MBM29F400TC-55PFTR Datasheet HTML 11Page - SPANSION MBM29F400TC-55PFTR Datasheet HTML 12Page - SPANSION MBM29F400TC-55PFTR Datasheet HTML 13Page - SPANSION MBM29F400TC-55PFTR Datasheet HTML 14Page - SPANSION MBM29F400TC-55PFTR Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
MBM29F400TC-55/-70-90/MBM29F400BC-55/-70-90
10
s
s
s
s FLEXIBLE SECTOR ERASE ARCHITECTURE
• One 16K byte, two 8K bytes, one 32K byte, and seven 64K bytes.
• Individual-sector, multiple-sector, or bulk-erase capability.
• Individual or multiple-sector protection is user definable.
64K byte
64K byte
64K byte
64K byte
64K byte
64K byte
64K byte
64K byte
64K byte
64K byte
3FFFFh
2FFFFh
1FFFFh
0FFFFh
00000h
16K byte
8K byte
8K byte
32K byte
64K byte
64K byte
64K byte
7FFFFh
7BFFFh
79FFFh
77FFFh
6FFFFh
5FFFFh
4FFFFh
MBM29F400TC Sector Architecture
MBM29F400BC Sector Architecture
64K byte
32K byte
8K byte
8K byte
16K byte
7FFFFh
6FFFFh
5FFFFh
4FFFFh
3FFFFh
2FFFFh
1FFFFh
0FFFFh
07FFFh
05FFFh
03FFFh
00000h
3FFFFh
37FFFh
2FFFFh
27FFFh
1FFFFh
17FFFh
0FFFFh
07FFFh
03FFFh
02FFFh
01FFFh
00000h
(
×8)
(
×16)
1FFFFh
17FFFh
0FFFFh
07FFFh
00000h
3FFFFh
3DFFFh
3CFFFh
3BFFFh
37FFFh
2FFFFh
27FFFh
(
×8)
(
×16)


Similar Part No. - MBM29F400TC-55PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F400TC-55PFTR FUJITSU-MBM29F400TC-55PFTR Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
More results

Similar Description - MBM29F400TC-55PFTR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
logo
Fujitsu Component Limit...
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com