Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F400BC-70PFTR Datasheet(PDF) 9 Page - SPANSION

Part # MBM29F400BC-70PFTR
Description  FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F400BC-70PFTR Datasheet(HTML) 9 Page - SPANSION

Back Button MBM29F400BC-70PFTR Datasheet HTML 5Page - SPANSION MBM29F400BC-70PFTR Datasheet HTML 6Page - SPANSION MBM29F400BC-70PFTR Datasheet HTML 7Page - SPANSION MBM29F400BC-70PFTR Datasheet HTML 8Page - SPANSION MBM29F400BC-70PFTR Datasheet HTML 9Page - SPANSION MBM29F400BC-70PFTR Datasheet HTML 10Page - SPANSION MBM29F400BC-70PFTR Datasheet HTML 11Page - SPANSION MBM29F400BC-70PFTR Datasheet HTML 12Page - SPANSION MBM29F400BC-70PFTR Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
MBM29F400TC-55/-70-90/MBM29F400BC-55/-70-90
8
MBM29F400TC/BC Command Definitions
Notes:
• Address bits A15 to A11 = X = “H” or “L” for all address commands except or Program Address (PA) and
Sector Address (SA).
• Bus operations are defined in “MBM29F400TC/BC User Bus Operation (BYTE = VIH)” and
“MBM29F400TC/BC User Bus Operation (BYTE = VIL)” in sDEVICE BUS OPERATION.
• RA = Address of the memory location to be read.
PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of
the WE pulse.
SA = Address of the sector to be erased. The combination of A17, A16, A15, A14, A13, and A12 will
uniquely select any sector.
• RD = Data read from location RA during read operation.
PD = Data to be programmed at location PA. Data is latched on the rising edge of WE.
• The system should generate the following address patterns:
Word Mode: 555h or 2AAh to addresses A10 to A0
Byte Mode: AAAh or 555h to addresses A10 to A-1
• Both Read/Reset commands are functionally equivalent, resetting the device to the read mode.
• Command combinations not described in Command Definitions table are illegal.
Command
Sequence
Bus
Write
Cycles
Req'd
First Bus
Write Cycle
Second
Bus
Write Cycle
Third Bus
Write Cycle
Fourth Bus
Read/Write
Cycle
Fifth Bus
Write Cycle
Sixth Bus
Write Cycle
Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data
Read/Reset
Word
1
XXXh
F0h
Byte
Read/Reset
Word
3
555h
AAh
2AAh
55h
555h
F0h
RA
RD
Byte
AAAh
555h
AAAh
Autoselect
Word
3
555h
AAh
2AAh
55h
555h
90h
——————
Byte
AAAh
555h
AAAh
Program
Word
4
555h
AAh
2AAh
55h
555h
A0h
PA
PD
Byte
AAAh
555h
AAAh
Chip Erase
Word
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh
2AAh
55h
555h
10h
Byte
AAAh
555h
AAAh
AAAh
555h
AAAh
Sector
Erase
Word
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh
2AAh
55h
SA
30h
Byte
AAAh
555h
AAAh
AAAh
555h
Sector Erase Suspend
Erase can be suspended during sector erase with Addr (“H” or “L”). Data (B0h)
Sector Erase Resume
Erase can be resumed after suspend with Addr (“H” or “L”). Data (30h)


Similar Part No. - MBM29F400BC-70PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F400BC-70PFTR FUJITSU-MBM29F400BC-70PFTR Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
More results

Similar Description - MBM29F400BC-70PFTR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
logo
Fujitsu Component Limit...
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com