Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVQ374SJ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74LVQ374SJ
Description  Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ374SJ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LVQ374SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ374SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ374SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ374SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ374SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ374SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LVQ374SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: Incident wave switching on transmission lines with impedances as low as 75
Ω for commercial temperature range is guaranteed for 74LVQ.
Note 6: Worst case package.
Note 7: Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V; one output at GND.
Note 8: Max number of Data Inputs (n) switching. (n
− 1) inputs switching 0V to 3.3V. Input-under-test switching: 3.3V to threshold (V
ILD), 0V to threshold
(VIHD), f = 1 MHz.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (IO)
±50 mA
DC VCC or Ground Current
(ICC or IGND)
±400 mA
Storage Temperature (TSTG)
−65°C to +150°C
DC Latch-Up Source or
Sink Current
±300 mA
Supply Voltage (VCC)
2.0V to 3.6V
Input Voltage (VI)0V to VCC
Output Voltage (VO)0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆V/∆t)
VIN from 0.8V to 2.0V
VCC @ 3.0V
125 mV/ns
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum High Level
3.0
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
or VCC − 0.1V
VIL
Maximum Low Level
3.0
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
or VCC − 0.1V
VOH
Minimum High Level
3.0
2.99
2.9
2.9
V
IOUT = −50 µA
Output Voltage
3.0
2.58
2.48
V
VIN = VIL or VIH (Note 3)
IOH = −12 mA
VOL
Maximum Low Level
3.0
0.002
0.1
0.1
V
IOUT = 50 µA
Output Voltage
3.0
0.36
0.44
V
VIN = VIL or VIH (Note 3)
IOL = 12 mA
IIN
Maximum Input Leakage Current
3.6
±0.1
±1.0
µAV
I = VCC, GND
IOLD
Minimum Dynamic
3.6
36
mA
VOLD = 0.8V Max (Note 5)
IOHD
Output Current (Note 4)
3.6
−25
mA
VOHD = 2.0V Min (Note 5)
ICC
Maximum Quiescent
3.6
4.0
40.0
µA
VIN = VCC
Supply Current
or GND
IOZ
Maximum 3-STATE
VI (OE) = VIL, VIH
Leakage Current
3.6
±0.25
±2.5
µAV
I = VCC, GND
VO = VCC, GND
VOLP
Quiet Output
Maximum Dynamic VOL
3.3
0.5
0.8
V
(Note 6)(Note 7)
VOLV
Quiet Output
Minimum Dynamic VOL
3.3
−0.3
−0.8
V
(Note 6)(Note 7)
VIHD
Maximum High Level
Dynamic Input Voltage
3.3
1.7
2.0
V
(Note 6)(Note 8)
VILD
Maximum Low Level
Dynamic Input Voltage
3.3
1.6
0.8
V
(Note 6)(Note 8)


Similar Part No. - 74LVQ374SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ374SJ FAIRCHILD-74LVQ374SJ Datasheet
103Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74LVQ374SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT374 FAIRCHILD-74LVT374 Datasheet
69Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574 Datasheet
109Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
81Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574 Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574_08 Datasheet
349Kb / 11P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT374 FAIRCHILD-74LVT374_08 Datasheet
314Kb / 10P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574_05 Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
93Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVQ374 FAIRCHILD-74LVQ374 Datasheet
103Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH374 ONSEMI-74LVTH374 Datasheet
306Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
January 2008 Rev. 1.5.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com