Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F400TC-55PF Datasheet(PDF) 5 Page - SPANSION

Part # MBM29F400TC-55PF
Description  FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F400TC-55PF Datasheet(HTML) 5 Page - SPANSION

  MBM29F400TC-55PF Datasheet HTML 1Page - SPANSION MBM29F400TC-55PF Datasheet HTML 2Page - SPANSION MBM29F400TC-55PF Datasheet HTML 3Page - SPANSION MBM29F400TC-55PF Datasheet HTML 4Page - SPANSION MBM29F400TC-55PF Datasheet HTML 5Page - SPANSION MBM29F400TC-55PF Datasheet HTML 6Page - SPANSION MBM29F400TC-55PF Datasheet HTML 7Page - SPANSION MBM29F400TC-55PF Datasheet HTML 8Page - SPANSION MBM29F400TC-55PF Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
MBM29F400TC-55/-70-90/MBM29F400BC-55/-70-90
4
s
s
s
s PIN ASSIGNMENTS
RY/BY
A15
A14
A13
A12
A11
A10
A9
A8
N.C.
N.C.
WE
RESET
N.C.
N.C.
RY/BY
N.C.
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MBM29F400TC/MBM29F400BC
Normal Bend
MBM29F400TC/MBM29F400BC
Reverse Bend
TSOP (1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
N.C.
RY/BY
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
VSS
OE
DQ0
DQ8
DQ1
DQ9
DQ2
DQ10
DQ3
DQ11
RESET
WE
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
SOP
(Top View)
A16
BYTE
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE
VSS
CE
A0
A0
CE
VSS
OE
DQ0
DQ8
DQ1
DQ9
DQ2
DQ10
DQ3
DQ11
VCC
DQ4
DQ12
DQ5
DQ13
DQ6
DQ14
DQ7
DQ15/A-1
VSS
BYTE
A16
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
A1
A2
A3
A4
A5
A6
A7
A17
N.C.
N.C.
N.C.
RESET
WE
N.C.
N.C.
A8
A9
A10
A11
A12
A13
A14
A15
(Marking Side)
FPT-48P-M19
FPT-48P-M20
FPT-44P-M16
(Marking Side)


Similar Part No. - MBM29F400TC-55PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F400TC-55PF FUJITSU-MBM29F400TC-55PF Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
MBM29F400TC-55PFTN FUJITSU-MBM29F400TC-55PFTN Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
MBM29F400TC-55PFTR FUJITSU-MBM29F400TC-55PFTR Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
More results

Similar Description - MBM29F400TC-55PF

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
logo
Fujitsu Component Limit...
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com