Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

QT110-DG Datasheet(PDF) 1 Page - Quantum Research Group

Part No. QT110-DG
Description  QTOUCH??SENSOR IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT110-DG Datasheet(HTML) 1 Page - Quantum Research Group

  QT110-DG Datasheet HTML 1Page - Quantum Research Group QT110-DG Datasheet HTML 2Page - Quantum Research Group QT110-DG Datasheet HTML 3Page - Quantum Research Group QT110-DG Datasheet HTML 4Page - Quantum Research Group QT110-DG Datasheet HTML 5Page - Quantum Research Group QT110-DG Datasheet HTML 6Page - Quantum Research Group QT110-DG Datasheet HTML 7Page - Quantum Research Group QT110-DG Datasheet HTML 8Page - Quantum Research Group QT110-DG Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
lQ
QT110
QTOUCH™ SENSOR IC
APPLICATIONS -
Elevator buttons
Consumer electronics
Access systems
Pointing devices
Appliance control
Security systems
Light switches
Industrial panels
The QT110 charge-transfer (“QT’”) sensor IC is a self-contained digital IC used to implement near-proximity or touch sensors. It
projects sense fields through almost any dielectric, like glass, plastic, stone, ceramic, and wood. It can also turn small metal-bearing
objects into intrinsic sensors, making them respond to proximity or touch. This capability coupled with an ability to self-calibrate
continuously leads to entirely new product concepts.
The QT110 is designed specifically for human interfaces, like control panels, appliances, toys, lighting controls, or anywhere a
mechanical switch or button may be found; they may also be used for some material sensing and control applications provided that
the presence duration of objects does not exceed the recalibration timeout interval.
A piezo element can also be connected to create a feedback click sound.
This IC requires only a common inexpensive capacitor in order to function. Average power consumption is under 20
µA in most
applications, allowing battery operation.
The QT110 employs digital signal processing techniques pioneered by Quantum, designed to make it survive real-world challenges,
such as ‘stuck sensor’ conditions and signal drift. Sensitivity is digitally determined for the highest possible stability. No external active
components are required for operation.
The device includes several user-selectable built-in features. One, toggle mode, permits on/off touch control for example for light
switch replacement. Another makes the sensor output a pulse instead of a DC level, which allows the device to 'talk' over the power
rail, permitting a simple 2-wire twisted-pair interface. Quantum’s unique HeartBeat™ signal is also included, allowing a host controller
to continuously monitor sensor health.
By using the charge transfer principle, the QT110 delivers a level of performance clearly superior to older technologies in a highly
cost-effective package.
lq
©1999-2004 Quantum Research Group
QT110 R1.04/0405
Less expensive than many mechanical switches
Projects a ‘touch button’ through any dielectric
100% autocal for life - no adjustments required
No active external components
Piezo sounder direct drive for ‘tactile’ click feedback
LED drive for visual feedback
2.5 ~ 5V single supply operation
10
µA at 2.5V - very low power drain
Toggle mode for on/off control (via option pins)
10s or 60s auto-recalibration timeout (via option pins)
Pulse output mode (via option pins)
Gain settings in 3 discrete levels
Simple 2-wire operation possible
HeartBeat™ health indicator on output
Pb-Free packages
-
QT110-ISG
-400C to +850C
QT110-DG
-
00C to +700C
8-PIN DIP
SOIC
TA
AVAILABLE OPTIONS (Pb-FREE)
Sns2
Vss
Sns1
Gain
Opt2
Opt1
Out
Vdd
1
2
3
45
6
7
8


Similar Part No. - QT110-DG

ManufacturerPart No.DatasheetDescription
Quantum Research Group
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
   SENSOR ICs
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1100A-ISG QUANTUM-QT1100A-ISG Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
QT1101-IS48G QUANTUM-QT1101-IS48G Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
More results

Similar Description - QT110-DG

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100_14 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
Quantum Research Group
Quantum Research Group
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
QT1080 QUANTUM-QT1080 Datasheet
205Kb / 16P
   8 KEY QTOUCH SENSOR IC
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz