Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

QT110-DG Datasheet(PDF) 10 Page - Quantum Research Group

Part No. QT110-DG
Description  QTOUCH??SENSOR IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT110-DG Datasheet(HTML) 10 Page - Quantum Research Group

Back Button QT110-DG Datasheet HTML 4Page - Quantum Research Group QT110-DG Datasheet HTML 5Page - Quantum Research Group QT110-DG Datasheet HTML 6Page - Quantum Research Group QT110-DG Datasheet HTML 7Page - Quantum Research Group QT110-DG Datasheet HTML 8Page - Quantum Research Group QT110-DG Datasheet HTML 9Page - Quantum Research Group QT110-DG Datasheet HTML 10Page - Quantum Research Group QT110-DG Datasheet HTML 11Page - Quantum Research Group QT110-DG Datasheet HTML 12Page - Quantum Research Group  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
4.6 MECHANICAL
0.015
0.008
0.381
0.203
Y
0.39
0.32
9.906
8.128
x
BSC
0.3
0.3
BSC
7.062
7.62
Aa
0.16
-
4.064
-
S1
0.14
0.12
3.556
3.048
S
-
0.015
-
0.381
r
0.15
0.12
3.81
3.048
R
Typical
0.102
0.098
Typical
2.591
2.489
F
0.065
0.055
1.651
1.397
L1
0.022
0.014
0.559
0.355
L
-
0.01
-
0.254
P
-
0.035
-
0.889
Q
BSC
0.3
0.3
BSC
7.62
7.62
m
Typical
0.43
0.355
Typical
10.922
9.017
M
0.325
0.3
8.255
7.62
A
0.28
0.24
7.112
6.096
a
Notes
Max
Min
Notes
Max
Min
Inches
Millimeters
SYMBOL
Package type: 8pin Dual-In-Line
Ø
0.03
0.229
0.762
0.381
ß
0.01
0.007
0.249
0.19
e
0.04
0.02
1.016
0.508
E
0.019
0.014
0.483
0.355
L
BSC
0.05
0.050
BSC
1.27
1.27
D
0.01
0.004
0.762
0.101
h
0.068
0.054
1.728
1.371
H
0.157
0.15
3.988
3.81
Aa
0.244
0.229
6.198
5.816
W
0.196
0.189
4.979
4.800
M
Notes
Max
Min
Notes
Max
Min
Inches
Millimeters
SYMBOL
Package type: 8pin SOIC
LQ
10
QT110 R1.04/0405


Similar Part No. - QT110-DG

ManufacturerPart No.DatasheetDescription
Quantum Research Group
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
   SENSOR ICs
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1100A-ISG QUANTUM-QT1100A-ISG Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
QT1101-IS48G QUANTUM-QT1101-IS48G Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
More results

Similar Description - QT110-DG

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100_14 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
Quantum Research Group
Quantum Research Group
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
QT1080 QUANTUM-QT1080 Datasheet
205Kb / 16P
   8 KEY QTOUCH SENSOR IC
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz