Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCXH162373MTD Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74VCXH162373MTD
Description  Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH162373MTD Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VCXH162373MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 8Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 4)
Note 2: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the Absolute Maximum Rat-
ings. The “Recommended Operating Conditions” table will define the condi-
tions for actual device operation.
Note 3: IO Absolute Maximum Rating must be observed.
Note 4: Floating or unused control inputs must be held HIGH or LOW.
DC Electrical Characteristics
Supply Voltage (VCC)
0.5V to 4.6V
DC Input Voltage (VI)
0.5V to 4.6V
Output Voltage (VO)
Outputs 3-STATED
0.5V to 4.6V
Outputs Active (Note 3)
0.5V to VCC 0.5V
DC Input Diode Current (IIK) VI  0V
50 mA
DC Output Diode Current (IOK)
VO  0V
50 mA
VO ! VCC
50 mA
DC Output Source/Sink Current
(IOH/IOL)
r50 mA
DC VCC or GND Current per
Supply Pin (ICC or GND)
r100 mA
Storage Temperature Range (TSTG)
65qC to 150qC
Power Supply
Operating
1.4V to 3.6V
Input Voltage
0.3V to VCC
Output Voltage (VO)
Output in Active States
0V to VCC
Output in 3-STATE
0.0V to 3.6V
Output Current in IOH/IOL
VCC 3.0V to 3.6V
r12 mA
VCC 2.3V to 2.7V
r8 mA
VCC 1.65V to 2.3V
r3 mA
VCC 1.4V to 1.6V
r1 mA
Free Air Operating Temperature (TA)
40qC to 85qC
Minimum Input Edge Rate (
't/'V)
VIN 0.8V to 2.0V, VCC 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VIH
HIGH Level Input Voltage
2.7 - 3.6
2.0
V
2.3 - 2.7
1.6
1.65 - 2.3
0.65 x VCC
1.4 - 1.6
0.65 x VCC
VIL
LOW Level Input Voltage
2.7 - 3.6
0.8
V
2.3 - 2.7
0.7
1.65 - 2.3
0.35 x VCC
1.4 - 1.6
0.35 x VCC
VOH
HIGH Level Output Voltage
IOH 100 PA
2.7 - 3.6
VCC - 0.2
V
IOH 6 mA
2.7
2.2
IOH 8 mA
3.0
2.4
IOH 12 mA
3.0
2.2
IOH 100 PA
2.7 - 3.6
VCC - 0.2
IOH 4 mA
2.3
2.0
IOH 6 mA
2.3
1.8
IOH 8 mA
2.3
1.7
IOH 100 PA
1.65 - 2.3
VCC - 0.2
IOH 3 mA
1.65
1.25
IOH 100 PA
1.4 - 1.6
VCC - 0.2
IOH 1 mA
1.4
1.05


Similar Part No. - 74VCXH162373MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXH162373MTD FAIRCHILD-74VCXH162373MTD Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
More results

Similar Description - 74VCXH162373MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
74VCX162373 FAIRCHILD-74VCX162373_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74LCXH162373 FAIRCHILD-74LCXH162373 Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
74LCXH16373 FAIRCHILD-74LCXH16373 Datasheet
220Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
74LCXH2245 FAIRCHILD-74LCXH2245_05 Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74LCX162373 FAIRCHILD-74LCX162373_05 Datasheet
131Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26ohm Series Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com